Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FST163211 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FST163211
Description  24-BIT BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163211 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FST163211 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163211 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
INDUSTRIALTEMPERATURERANGE
IDT74FST163211
24-BIT BUS SWITCH
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
5/24/2002 Removed TVSOP package
DATASHEETDOCUMENTHISTORY
IDT
XX
Temp. Range
XXX
Device Type
X
Package
74
–40°C to +85°C
PA
PAG
211
Thin Shrink Small Outline Package
TSSOP - Green
24-Bit Bus Switch
FST
Family
XXX
163
Double-Density Bus Switch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com