Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-SPIN3204 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-SPIN3204
Description  Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPIN3204 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-SPIN3204 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 4Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 5Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 6Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 7Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 4. STEVAL-SPIN3204 schematic - current and voltage feedback, and BEMF sensing circuits
1
C42
68 pF
R12
D11
BAT30KFILM
D12
BAT30KFILM
R29
2.4 K
OC Comp
PA0
JUMPER4
9.31 K
7.5 K
R46
10 K
2
J11
61300311121
2
VDD
R44
4.7 K
TP15
TPSMD-1MM
R33
2.4 K
R9
0 R
SENSEP
R15
15 K
TP12
TPSMD-1MM
PA6
D2
BAT30KFILM
1
3
VBUS
Feedback
D10
BAT30KFILM
+
C45
220 nF
-
+
C44
68 pF
D14
BAT30KFILM
VDD
2
VDD
R28
2.2 K
100 pF
R75
1 K
OCCOMP
C21
100 pF
PA5
VBUS
1
VDD
BEMF
R25
2.2 K
R47
10 K
PA1
-
OC
OP1P
D13
BAT30KFILM
_
OUTU
JP10
C15
R24
2.2 K
C43
68 pF
R16
OCREF
CLOSE
GPIO
PA2
OP1N
TP6
TPSMD-1MM
R21
15 K
PA4
D9
BAT30KFILM
R10
169K
R45
10 K
JP8
OUTV
SENSEN
OUTW
JP9
OP1O
C18
4.7 nF
CLOSE
R74
2.2 K
CLOSE
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com