Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-SPIN3204 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-SPIN3204
Description  Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPIN3204 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-SPIN3204 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 4Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 5Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 6Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 7Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
•
Input voltage from 7 to 45 V
•
Output current up to 15 ARMS
•
Power stage based on STD140N6F7 MOSFET
•
Embedded 3.3 V buck regulator
•
Embedded 12 V LDO regulator
•
Single shunt current sensing
•
Digital Hall sensors and encoder input
•
Overcurrent comparator
•
Bus voltage sensing
•
Embedded ST-LINK/V2-1
•
Easy user interface with buttons and trimmer
•
RoHS and WEEE compliant
Applications
•
Battery powered power tools
•
Home appliances
•
Pumps and fans
•
Industrial automation
Description
The STEVAL-SPIN3204 three-phase brushless DC motor driver board is based on
the STSPIN32F0B 3-phase BLDC controller with triple half-bridge gate driver, single
shunt resistor current sensing topology and programmable overcurrent protection.
The motor controller system-in-package includes an STM32F031C6 microcontroller
ready to execute 6-step, field oriented control (FOC) and other advanced driving
algorithms in the firmware, which can be downloaded onto the chip flash memory via
the board USB port.
The board is designed to help you test and develop motor control designs for
applications such as power tools, home appliances, fans and pumps, with a flexible
evaluation platform that even allows you to toggle between external sensor and
sensorless position feedback data methods.
Product summary
motor driver evaluation
board based on the
STSPIN32F0B 3-phase
BLDC controller
STEVAL-
SPIN3204
N-channel 60 V, 3.1
mΩ typ., 80 A
STripFET F7 Power
MOSFET in a DPAK
package
STD140N6F7
Advanced single shunt
BLDC controller with
embedded STM32
MCU
STSPIN32F0B
mainstream ARM
Cortex-M0 Access line
MCU with 32 Kbytes
Flash, 48 MHz CPU,
motor control
STM32F031C6
firmware for the
STEVAL-SPIN3204
evaluation board
STSW-
SPIN3204
Six-step brushless motor driver evaluation board for applications based on the
STSPIN32F0B BLDC controller
STEVAL-SPIN3204
Data brief
DB3914 - Rev 1 - May 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVAL-SPIN3204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-SPIN3201 STMICROELECTRONICS-STEVAL-SPIN3201 Datasheet
235Kb / 3P
Advanced BLDC controller with embedded STM32 MCU evaluation board
27-Oct-2016
STEVAL-SPIN3202 STMICROELECTRONICS-STEVAL-SPIN3202 Datasheet
2Mb / 7P
STSPIN32F0A advanced 3-phase BLDC driver with embedded STM32 MCU single shunt evaluation board
Rev 3 - July 2021
More results

Similar Description - STEVAL-SPIN3204

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN004V1 STMICROELECTRONICS-STEVAL-IFN004V1 Datasheet
266Kb / 5P
BLDC six-step motor driver based on the L6230 and STM8S105
20-Oct-2011
STEVAL-ILL039V1 STMICROELECTRONICS-STEVAL-ILL039V1 Datasheet
194Kb / 4P
Step-up current controller for 2 LEDs based on the STLDC08 driver
31-Oct-2011
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
Power flash LED driver evaluation board based on the STCF02
10-Dec-2007
STEVAL-ISA038V1 STMICROELECTRONICS-STEVAL-ISA038V1 Datasheet
149Kb / 4P
Single phase 5 A step-down based on PWM controller evaluation board based on the Power Good L6728
10-Mar-2008
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
STEVAL-TLL001V1 STMICROELECTRONICS-STEVAL-TLL001V1 Datasheet
66Kb / 4P
White LED controller evaluation board based on the STLD40D
27-Oct-2008
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
X-NUCLEONUCLEO-IHM08M1 STMICROELECTRONICS-X-NUCLEONUCLEO-IHM08M1 Datasheet
777Kb / 6P
Low-Voltage BLDC motor driver expansion board based on STL220N6F7 for STM32 Nucleo
June 2017 Rev 3
STEVAL-PTOOL1V1 STMICROELECTRONICS-STEVAL-PTOOL1V1 Datasheet
3Mb / 4P
Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com