Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-SPIN3204 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVAL-SPIN3204
Description  Six-step brushless motor driver evaluation board for applications based on the STSPIN32F0B BLDC controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPIN3204 Datasheet(HTML) 6 Page - STMicroelectronics

  STEVAL-SPIN3204 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 4Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 5Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 6Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 7Page - STMicroelectronics STEVAL-SPIN3204 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Figure 5. STEVAL-SPIN3204 schematic - ST-LINK
18
TP9
PA4
12
PC13-TAMPER-RTC
I/O1#1
U3
LD3985M33R
C26
100 nF
PA2
14
R71
10 K
PB2/BOOT1
9
VUSB
24
U2
USBLC6-2SC6
35
PB7
STLINK_TX
6
39
C34
100 nF
FM_SWCLK
PA6
FM_SWDIO
PB10
44
A2
1
PB15
26
GND
C33
100 nF
NRST
SHELL
PA3
USB_VCC
PA10
C29
100 nF
31
R64
1.5 K
TP5
S1751-46R
VUSB
R67
100 R
4
OSCOUT/PD1
48
C20
100 nF
U4
STM32F103CBT6
STLINK_RX
3V3_STLINK
INHIBIT
TP14
S1751-46R
SHELL
R51
0 R
TP16
7
OUT
7
BYPASS
19
A1
PB14
8
PA11
J5
65100516121
T_NRST
VDD_1
3V3_STLINK
32
K1
36
VSS_1
3
USB_DP
17
5
VDD
PB4/JNTRST
3
R66
36 K
40
PB9
PB11
I/O2#4
I/O2#3
UART1_RX
Q7
NPN
46
R50
0 R
ID
J8
61300211121
4
PB12
6
2
VBUS
R52
0 R
2
4
3V3_STLINK
PA15
USB_DM
2
3V3_STLINK
PA7
T_JTMS
PA1
21
37
38
NRST
43
13
R73
100 R
JUMPER2
C36
10 pF
C
35
10 pF
25
16
PB5
R63 100 R
USBDM
OPEN
JP4
47
T_JTCK
BOOT0
T_JTCK
SWD_IO
R69
4.7 K
2
I/O1#6
11
USB_RENUM
R30
100 K
VSSA
2
PB8
LED_STLINK
8
27
C28
100 nF
R65
10 K
23
29
J6
61300411121
3
R37
4.7 K
41
PA8
T_NRST
PB0
1
9
SHELL
RX
D-
D+
SWDIO
VDD
R43
0 R
PA0-WKUP
42
33
VDD_2
GND
10
PB6
1
PA12
PC15-OSC32_OUT
4
R72
NP
4
30
20
1
15
USB_DM
OSCIN/PD0
C30
1 uF
R70
100 K
34
ST
-LINK FW LOAD
VBAT
R62
100 R
C27
100 nF
VSS_3
USB_RENUM
RED-GREEN
LD1
USB_DP
PA13
SWD_CLK
C37
100 nF
1
3
T_JTMS
3V3_STLINK
PB13
K2
5
1
USB_GND
VIN
VUSB
3
LED_STLINK
28
PC14-OSC32_IN
PB1
C32
10 nF
PA5
5
UART1_TX
3V3_STLINK
J7
61300211121
VDDA
PA14
C31
1 uF
5
VSS_2
T_JTCK
USBDP
R68
2.7 K
6
R38
4.7 K
PB3/JTDO
45
VDD_3
SHELL
X1
PA9
22
TX
8 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com