Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3330 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 4 Page - Texas Instruments

  AMC3330 Datasheet HTML 1Page - Texas Instruments AMC3330 Datasheet HTML 2Page - Texas Instruments AMC3330 Datasheet HTML 3Page - Texas Instruments AMC3330 Datasheet HTML 4Page - Texas Instruments AMC3330 Datasheet HTML 5Page - Texas Instruments AMC3330 Datasheet HTML 6Page - Texas Instruments AMC3330 Datasheet HTML 7Page - Texas Instruments AMC3330 Datasheet HTML 8Page - Texas Instruments AMC3330 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
see (1)
MIN
MAX
UNIT
Power-supply voltage
VDD to GND
–0.3
6.5
V
Analog input voltage
INP, INN
HGND – 6
VHLDOout + 0.5
V
Analog output voltage
OUTP, OUTN
GND – 0.5
VDD + 0.5
V
Digital output voltage
DIAG
GND – 0.5
5.5
V
Input current
Continuous, any pin except power-supply pins
–10
10
mA
Temperature
Junction, TJ
150
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions . Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating ambient temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
POWER SUPPLY
VDD
Low-side supply voltage
VDD to GND
3.0
3.3
5.5
V
ANALOG INPUT
VClipping
Differential input voltage before clipping output
VIN = VINP – VINN
±1.25
V
VFSR
Specified linear differential full-scale voltage
VIN = VINP – VINN
–1
1
V
Absolute common-mode input voltage(1)
(VINP + VINN) / 2 to HGND
–2
3
V
VCM
Operating common-mode input voltage
(VINP + VINN) / 2 to HGND,
VINP = VINN
–1.4
1.6
V
(VINP + VINN) / 2 to HGND,
|VINP – VINN| = 1.0 V (2)
–0.925
0.725
(VINP + VINN) / 2 to HGND,
|VINP – VINN| = 1.25 V
–0.8
0.6
DIGITAL OUTPUT
Pull-up supply-voltage for DIAG pin
0
VDD
V
TEMPERATURE RANGE
TA
Operating ambient temperature
–40
25
125
°C
(1)
Steady-state voltage supported by the device in case of a system failure. See specified common-mode input voltage VCM for normal
operation. Observe analog input voltage range as specified in the Absolute Maximum Ratings table.
(2)
Linear response.
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com