Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3330 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 9Page - Texas Instruments AMC3330 Datasheet HTML 10Page - Texas Instruments AMC3330 Datasheet HTML 11Page - Texas Instruments AMC3330 Datasheet HTML 12Page - Texas Instruments AMC3330 Datasheet HTML 13Page - Texas Instruments AMC3330 Datasheet HTML 14Page - Texas Instruments AMC3330 Datasheet HTML 15Page - Texas Instruments AMC3330 Datasheet HTML 16Page - Texas Instruments AMC3330 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
6.13 Typical Characteristics (continued)
at VDD = 3.3 V, INP = –1 V to 1 V, INN = HGND = 0V, and fIN = 10 kHz (unless otherwise noted)
VOS (mV)
0
10
20
30
40
50
D023
Figure 6-17. Offset Error Histogram
VDD (V)
3
3.5
4
4.5
5
5.5
-100
-75
-50
-25
0
25
50
75
100
D027
Device 1
Device 2
Device 3
Figure 6-18. Offset Error vs Supply Voltage
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-100
-75
-50
-25
0
25
50
75
100
D026
Device 1
Device 2
Device 3
Figure 6-19. Offset Error vs Temperature
TCVOS (PV/qC)
0
10
20
30
40
50
D024
Figure 6-20. Offset Error Drift Histogram
Differential Input Volatge (V)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
D028
Device 1
Device 2
Device 3
Figure 6-21. Nonlinearity vs Differential Input Voltage
VDD (V)
3
3.5
4
4.5
5
5.5
-0.02
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
0.02
D024
D001
D029
Device 1
Device 2
Device 3
Figure 6-22. Nonlinearity vs Supply Voltage
www.ti.com
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com