Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3330 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3330
Description  AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3330 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC3330 Datasheet HTML 20Page - Texas Instruments AMC3330 Datasheet HTML 21Page - Texas Instruments AMC3330 Datasheet HTML 22Page - Texas Instruments AMC3330 Datasheet HTML 23Page - Texas Instruments AMC3330 Datasheet HTML 24Page - Texas Instruments AMC3330 Datasheet HTML 25Page - Texas Instruments AMC3330 Datasheet HTML 26Page - Texas Instruments AMC3330 Datasheet HTML 27Page - Texas Instruments AMC3330 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
8.2.2.2 Differential to Single-Ended Output Conversion
For systems using single-ended input ADCs to convert the analog output voltage into digital, Figure 8-3 shows
an example of a TLV6001 -based signal conversion and filter circuit. With R1 = R2 = R3 = R4, the output voltage
equals (V OUTP – V OUTN) + V REF. Tailor the bandwidth of this filter stage to the bandwidth requirement of the
system and use NP0-type capacitors for best performance. For most applications, R1 = R2 = R3 = R4 = 10 kΩ
and C1 = C2 = 1000 pF yields good performance.
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3330
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
+
±
R4
R3
R1
R2
VREF
ADC
GND
GND
To MCU
C1
C2
GND
TLV6001
Figure 8-3. Connecting the AMC3330 Output to a Single-Ended Input ADC
For more information on the general procedure to design the filtering and driving stages of SAR ADCs, see the
18-Bit, 1MSPS Data Acquisition Block (DAQ) Optimized for Lowest Distortion and Noise and 18-Bit Data
Acquisition Block (DAQ) Optimized for Lowest Power reference guides, available for download at www.ti.com.
8.2.3 Application Curve
Figure 8-4 shows the typical full-scale step response of the AMC3330
VIN
VOUTN
VOUTP
Figure 8-4. Step Respose of the AMC3330
8.3 What to Do and What Not to Do
Do not leave the analog inputs INP and INN of the AMC3330 unconnected (floating) when the device is powered
up on the high-side. If the device input is left floating, the bias current may generate a negative input voltage that
exceeds the specified input voltage range and the output of the device is invalid.
Connect the high-side ground (HGND) to INN, either directly or through a resistive path. A DC current path
between INN and HGND is required to define the input common-mode voltage. Take care not to exceed the input
common-mode range as specified in the Recommended Operating Conditions table.
AMC3330
SBASA34A – JUNE 2020 – REVISED OCTOBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com