Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3S4021 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL3S4021
Description  UCODE I2C
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S4021 Datasheet(HTML) 2 Page - NXP Semiconductors

  SL3S4021 Datasheet HTML 1Page - NXP Semiconductors SL3S4021 Datasheet HTML 2Page - NXP Semiconductors SL3S4021 Datasheet HTML 3Page - NXP Semiconductors SL3S4021 Datasheet HTML 4Page - NXP Semiconductors SL3S4021 Datasheet HTML 5Page - NXP Semiconductors SL3S4021 Datasheet HTML 6Page - NXP Semiconductors SL3S4021 Datasheet HTML 7Page - NXP Semiconductors SL3S4021 Datasheet HTML 8Page - NXP Semiconductors SL3S4021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
NXP Semiconductors
SL3S4011_4021
UCODE I²C
SL3S4011_4021
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.5 — 18 September 2018
COMPANY PUBLIC
204935
2 / 30
• Compliant to EPCglobal Radio-Frequency Identity Protocols Class-1 Generation-2 UHF
RFID Protocol for communications at 860 MHz to 960 MHz version 1.2.0
• Wide RF interface temperature range: -40 °C up to +85 °C
• Memory read protection
• Interrupt output
• RF - I2C bridge function based on SRAM memory
2.2 I2C interface
• Supports Standard (100 kHz) and Fast (400 kHz) mode (see Ref. 1)
• UCODE I2C can be used as standard I2C EEPROMs
2.3 Command set
• All mandatory EPC Gen2 v1.2.0 commands
• Optional commands: Access, Block Write (32 bit)
• Custom command: ChangeConfig
2.4 Memory
• 3328-bit user memory
• 160-bit EPC memory
• 96-bit tag identifier (TID) including 48-bit unique serial number
• 32-bit KILL password to permanently disable the tag
• 32-bit ACCESS password to allow a transition into the secured transmission state
• Encoding speed one word 5 ms
• Data retention: 20 years at 55 °C
• Write endurance: 100 kcycles at 85 °C
2.5 Package
• SOT-902-3; MO-255B footprint
• Outline 1.6 × 1.6 mm
• Thickness ≤ 0.5 mm
3 Applications
• Firmware downloads
• Return management
• Counterfeit protection and authentication
• Production information
• Theft protection and deterrence
• Production automation
• Device customization/product configuration
• Offline Diagnostics
There are known limitations for applications where both interfaces are powered. For
details refer to Ref. 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com