Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3S4021 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SL3S4021
Description  UCODE I2C
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S4021 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SL3S4021 Datasheet HTML 17Page - NXP Semiconductors SL3S4021 Datasheet HTML 18Page - NXP Semiconductors SL3S4021 Datasheet HTML 19Page - NXP Semiconductors SL3S4021 Datasheet HTML 20Page - NXP Semiconductors SL3S4021 Datasheet HTML 21Page - NXP Semiconductors SL3S4021 Datasheet HTML 22Page - NXP Semiconductors SL3S4021 Datasheet HTML 23Page - NXP Semiconductors SL3S4021 Datasheet HTML 24Page - NXP Semiconductors SL3S4021 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
NXP Semiconductors
SL3S4011_4021
UCODE I²C
SL3S4011_4021
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.5 — 18 September 2018
COMPANY PUBLIC
204935
21 / 30
pulses so that the UCODE I2C continues to output the next byte in sequence. To
terminate the stream of bytes, the bus master must not acknowledge the last byte, and
must generate a Stop condition, as shown in Figure 8.
The output data comes from consecutive addresses, with the internal address counter
automatically incremented after each byte output.
11.8.4 Acknowledge in Read mode
For all Read commands, the UCODE I2C waits, after each byte read, for an
acknowledgment during the 9th bit time. If the bus master does not drive Serial Data
(SDA) low during this time, the UCODE I2C terminates the data transfer and switches to
its Standby mode.
11.8.5 EPC memory bank handling
After the last memory address within one EPC memory bank, the address counter 'rolls-
over' to the next EPC memory bank, and the UCODE I2C continues to output data from
memory address 00h in the successive EPC memory bank.
Example: EPC Bank 01 → EPC Bank 10 → EPC Bank 11 → EPC Bank 01
12 RF interface/I2C interface arbitration
The UCODE I2C needs to arbitrate the EEPROM access between the RF and the I2C
interface.
The arbitration is implemented as following:
• First come, first serve strategy - the interface which provides data by having a first valid
preamble on RF envelope (begin of a command) or a start condition and a valid I2C
device address on the I2C interface will be favored.
• I2C access to the chip memory is possible regardless if it is in the EPC Gen2 secured
state or not
• During an I2C command, starting with an I2C start followed by valid I2C device address
and ending with an I2C stop condition, any RF command is ignored.
• During any EPC Gen2 command, any I2C command is ignored
There are known limitations for applications where both interfaces are powered. For
details refer to Ref. 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com