Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3S4021 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SL3S4021
Description  UCODE I2C
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S4021 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SL3S4021 Datasheet HTML 9Page - NXP Semiconductors SL3S4021 Datasheet HTML 10Page - NXP Semiconductors SL3S4021 Datasheet HTML 11Page - NXP Semiconductors SL3S4021 Datasheet HTML 12Page - NXP Semiconductors SL3S4021 Datasheet HTML 13Page - NXP Semiconductors SL3S4021 Datasheet HTML 14Page - NXP Semiconductors SL3S4021 Datasheet HTML 15Page - NXP Semiconductors SL3S4021 Datasheet HTML 16Page - NXP Semiconductors SL3S4021 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
NXP Semiconductors
SL3S4011_4021
UCODE I²C
SL3S4011_4021
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3.5 — 18 September 2018
COMPANY PUBLIC
204935
13 / 30
Feature
Bit type
via RF
via I2C
bit address
Access
Address
Access
UHF antenna port1 on/off
permanent
208h
r/w
r/w
UHF antenna port2 on/off
permanent
209h
r/w
r/w
rfu
20Ah
SCL INT enable
permanent
20Bh
r/w
read only
bit for read protect user memory
permanent
20Ch
r/w
r/w
bit for read protect EPC
permanent
20Dh
r/w
r/w
bit for read protect TID SNR (48 bits)
permanent
20Eh
r/w
r/w
PSF alarm flag
permanent
20Fh
r/w
read only
[1]
Indicator bits are reset at power-up but cannot be changed by command
[2]
Defaults values for bit3/bit2/bit1 are 0/0/1 (see Table 15)
[3]
Permanent bits are permanently stored bits in the memory
10.3 Change Config Command
The UCODE I2C ChangeConfig custom command allows handling the special features
described in the previous paragraph. As long the EPC bank is not write locked standard
EPC READ/WRITE commands can be used to modify the flags.
Table 11. ChangeConfig custom command
Command
RFU
Data
RN
CRC-16
No. of bits
16
8
16
16
16
Description
11100000
00000111
00000000
Toggle bits
XOR RN16
handle
-
The bits to be toggled in the configuration register need to be set to '1'.
E.g., sending 0000 0000 0000 0000 1001 XOR RN16 will activate the EPC Read Protect
and PSF bit. Sending the very same command a second time will disable the features.
The reply of the ChangeConfig will return the current register setting.
Table 12. ChangeConfig custom response table
Starting state
Condition
Response
Next state
ready
all
-
ready
arbitrate, reply,
acknowledged
all
-
arbitrate
valid handle, Status word
needs to change
Backscatter unchanged
StatusWord immediately
open
open
valid handle, Status word
does not need to change
Backscatter StatusWord
immediately
open
valid handle, Status word
needs to change
Backscatter modified
StatusWord, when done
secured
valid handle, Status word
does not need to change
Backscatter StatusWord
immediately
secured
secured
invalid handle
-
secured



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com