Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 16Page - NXP Semiconductors PCF2127 Datasheet HTML 17Page - NXP Semiconductors PCF2127 Datasheet HTML 18Page - NXP Semiconductors PCF2127 Datasheet HTML 19Page - NXP Semiconductors PCF2127 Datasheet HTML 20Page - NXP Semiconductors PCF2127 Datasheet HTML 21Page - NXP Semiconductors PCF2127 Datasheet HTML 22Page - NXP Semiconductors PCF2127 Datasheet HTML 23Page - NXP Semiconductors PCF2127 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
20 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
[1]
Default value.
8.3.1.1
OS: Oscillator stop
When the oscillator of the PCA85063A is stopped, the OS flag is set. The oscillator can be
stopped, for example, by connecting one of the oscillator pins OSCI or OSCO to ground.
The oscillator is considered to be stopped during the time between power-on and stable
crystal resonance. This time can be in the range of 200 ms to 2 s depending on crystal
type, temperature, and supply voltage.
The flag remains set until cleared by command (see Figure 11). If the flag cannot be
cleared, then the oscillator is not running. This method can be used to monitor the
oscillator and to determine if the supply voltage has reduced to the point where oscillation
fails.
Table 20.
Seconds coded in BCD format
Seconds value in
decimal
Upper-digit (ten’s place)
Digit (unit place)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00[1]
000
0000
01
000
0001
02
000
0010
:
:::
::::
09
000
1001
10
001
0000
:
:::
::::
58
101
1000
59
101
1001
Fig 11. OS flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com