Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 6Page - NXP Semiconductors PCF2127 Datasheet HTML 7Page - NXP Semiconductors PCF2127 Datasheet HTML 8Page - NXP Semiconductors PCF2127 Datasheet HTML 9Page - NXP Semiconductors PCF2127 Datasheet HTML 10Page - NXP Semiconductors PCF2127 Datasheet HTML 11Page - NXP Semiconductors PCF2127 Datasheet HTML 12Page - NXP Semiconductors PCF2127 Datasheet HTML 13Page - NXP Semiconductors PCF2127 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
10 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
8.2.1.3
Software reset
A reset is automatically generated at power-on. There is a low probability that some
devices will have corruption of the registers after the automatic power-on reset if the
device is powered up with a residual VDD level. It is required that the VDD starts at zero
volts at power up or upon power cycling to ensure that there is no corruption of the
registers. If this is not possible, a reset must be initiated after power-up (i.e. when power is
stable) with the software reset command. Software reset command means setting bits 6,
4, and 3 in register Control_1 (00h) logic 1 and all other bits logic 0 by sending the bit
sequence 01011000 (58h), see Figure 6.
In reset state, all registers are set according to Table 8 and the address pointer returns to
address 00h.
After sending the software reset command, it is recommended to re-initialize the interface by a STOP and START.
Fig 6.
Software reset command
Table 8.
Registers reset values
Address
Register name
Bit
7
6
5
4
3
2
1
0
00h
Control_1
00000000
01h
Control_2
00000000
02h
Offset
00000000
03h
RAM_byte
00000000
04h
Seconds
10000000
05h
Minutes
00000000
06h
Hours
00000000
07h
Days
00000001
08h
Weekdays
00000110
09h
Months
00000001
0Ah
Years
00000000
0Bh
Second_alarm
10000000
0Ch
Minute_alarm
10000000
0Dh
Hour_alarm
10000000
0Eh
Day_alarm
10000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com