Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF2127
Description  Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 32Page - NXP Semiconductors PCF2127 Datasheet HTML 33Page - NXP Semiconductors PCF2127 Datasheet HTML 34Page - NXP Semiconductors PCF2127 Datasheet HTML 35Page - NXP Semiconductors PCF2127 Datasheet HTML 36Page - NXP Semiconductors PCF2127 Datasheet HTML 37Page - NXP Semiconductors PCF2127 Datasheet HTML 38Page - NXP Semiconductors PCF2127 Datasheet HTML 39Page - NXP Semiconductors PCF2127 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
PCA85063A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 4 — 30 March 2018
36 of 59
NXP Semiconductors
PCA85063A
Automotive Real-Time Clock/calendar with alarm function and I2C-bus
12. Limiting values
[1]
Remark: The PCA85063A part is not guaranteed (nor characterized) above the operating range as denoted in the datasheet. NXP
recommends not to bias the PCA85063A device during reflow (e.g. if utilizing a 'coin' type battery in the assembly). If customer so
chooses to continue to use this assembly method, there must be the allowance for a full `0 V' level Power supply `reset' to re-enable the
device. Without a proper POR, the device may remain in an indeterminate state.
[2]
Pass level; Human Body Model (HBM) according to Ref. 7 “JESD22-A114”.
[3]
Pass level; Charged-Device Model (CDM), according to Ref. 8 “JESD22-C101”.
[4]
Pass level; latch-up testing, according to Ref. 9 “JESD78” at maximum ambient temperature (Tamb(max)).
[5]
According to the store and transport requirements (see Ref. 14 “UM10569”) the devices have to be stored at a temperature of +8
C to
+45
C and a humidity of 25 % to 75 %.
Table 40.
Limiting values[1]
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.5
V
IDD
supply current
50
+50
mA
VI
input voltage
on pins SCL, SDA, OSCI
0.5
+6.5
V
VO
output voltage
0.5
+6.5
V
II
input current
at any input
10
+10
mA
IO
output current
at any output
10
+10
mA
Ptot
total power dissipation
-
300
mW
VESD
electrostatic
discharge voltage
HBM
[2] -
5000
V
CDM
[3] -
2000
V
Ilu
latch-up current
[4] -200
mA
Tstg
storage temperature
[5]
65
+150
C
Tamb
ambient temperature
operating device
40
+105
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com