Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072CP Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CP
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CP Datasheet(HTML) 42 Page - Texas Instruments

Back Button TL072CP Datasheet HTML 38Page - Texas Instruments TL072CP Datasheet HTML 39Page - Texas Instruments TL072CP Datasheet HTML 40Page - Texas Instruments TL072CP Datasheet HTML 41Page - Texas Instruments TL072CP Datasheet HTML 42Page - Texas Instruments TL072CP Datasheet HTML 43Page - Texas Instruments TL072CP Datasheet HTML 44Page - Texas Instruments TL072CP Datasheet HTML 45Page - Texas Instruments TL072CP Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
9.3.3 Application Curves
VIN (V)
0
2
4
6
8
10
12
0
2
4
6
8
10
12
D001
Figure 9-4. Output Voltage vs Input Voltage
VIN (V)
0
2
4
6
8
10
12
-1.5
-1
-0.5
0
0.5
1
1.5
D002
Figure 9-5. Gain vs Input Voltage
9.4 System Examples
Figure 9-6. 0.5-Hz Square-Wave Oscillator
R1
Input
R2
C3
C1
C1
R3
Output
VCC–
–
+
VCC+
o
R1 R2
2R3
1.5 M
C3
C1
C2
110 pF
2
1
f
1 kHz
2 R1 C1
=
=
=
W
=
=
=
=
=
p
Figure 9-7. High-Q Notch Filter
Figure 9-8. 100-kHz Quadrature Oscillator
Figure 9-9. AC Amplifier
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com