Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072CP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CP
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CP Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL072CP Datasheet HTML 20Page - Texas Instruments TL072CP Datasheet HTML 21Page - Texas Instruments TL072CP Datasheet HTML 22Page - Texas Instruments TL072CP Datasheet HTML 23Page - Texas Instruments TL072CP Datasheet HTML 24Page - Texas Instruments TL072CP Datasheet HTML 25Page - Texas Instruments TL072CP Datasheet HTML 26Page - Texas Instruments TL072CP Datasheet HTML 27Page - Texas Instruments TL072CP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
6.25 Switching Characteristics: TL07xM
VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V
CL = 100 pF
RL = 2 kΩ
See Figure 7-1
5
13
V/μs
tr
Rise-time overshoot factor
VI = 20 V
CL = 100 pF
RL = 2 kΩ
See Figure 7-1
0.1
μs
20%
Vn
Equivalent input noise voltage RS = 20 Ω
f = 1 kHz
18
nV/√ Hz
f = 10 Hz to 10 kHz
4
μV
In
Equivalent input noise current RS = 20 Ω
f = 1 kHz
0.01
pA/√ Hz
THD
Total harmonic distortion
VIrms = 6 V
RL ≥ 2 kΩ
f = 1 kHz
AVD = 1
RS ≤ 1 kΩ
0.003%
6.26 Switching Characteristics: TL07xC, TL07xAC, TL07xBC, TL07xI
VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = 10 V
CL = 100 pF
RL = 2 kΩ
See Figure 7-1
8
13
V/μs
tr
Rise-time overshoot factor
VI = 20 V
CL = 100 pF
RL = 2 kΩ
See Figure 7-1
0.1
μs
20%
Vn
Equivalent input noise voltage RS = 20 Ω
f = 1 kHz
18
nV/√ Hz
f = 10 Hz to 10 kHz
4
μV
In
Equivalent input noise current RS = 20 Ω
f = 1 kHz
0.01
pA/√ Hz
THD
Total harmonic distortion
VIrms = 6 V
RL ≥ 2 kΩ
f = 1 kHz
AVD = 1
RS ≤ 1 kΩ
0.003%
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com