Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072CP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CP
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL072CP Datasheet HTML 7Page - Texas Instruments TL072CP Datasheet HTML 8Page - Texas Instruments TL072CP Datasheet HTML 9Page - Texas Instruments TL072CP Datasheet HTML 10Page - Texas Instruments TL072CP Datasheet HTML 11Page - Texas Instruments TL072CP Datasheet HTML 12Page - Texas Instruments TL072CP Datasheet HTML 13Page - Texas Instruments TL072CP Datasheet HTML 14Page - Texas Instruments TL072CP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
6.4 ESD Ratings: All Devices Except TL07xH
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.5 Recommended Operating Conditions: TL07xH
over operating ambient temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, (VCC+) – (VCC–)
4.5
40
V
VI
Input voltage range
(VCC–) + 2
(VCC+) + 0.1
V
TA
Specified temperature
–40
125
°C
6.6 Recommended Operating Conditions: All Devices Except TL07xH
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC+
Supply voltage (1)
5
15
V
VCC–
Supply voltage (1)
–5
–15
V
VCM
Common-mode voltage
VCC– + 4
VCC+
V
TA
Operating free-air temperature
TL07xM
–55
125
°C
TL08xQ
–40
125
TL07xI
–40
85
TL07xAC, TL07xBC, TL07xC
0
70
(1)
VCC+ and VCC– are not required to be of equal magnitude, provided that the total VCC (VCC+ – VCC–) is between 10 V and 30 V.
6.7 Thermal Information for Single Channel: TL071H
THERMAL METRIC (1)
TL071H
UNIT
D (2)
(SOIC)
DBV (2)
(SOT-23)
8 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
TBD
TBD
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
TBD
TBD
°C/W
RθJB
Junction-to-board thermal resistance
TBD
TBD
°C/W
ψJT
Junction-to-top characterization parameter
TBD
TBD
°C/W
ψJB
Junction-to-board characterization parameter
TBD
TBD
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
TBD
TBD
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
This package option is preview for TL071H.
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com