Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70950DBVT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70950DBVT
Description  TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70950DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS70950DBVT Datasheet HTML 10Page - Texas Instruments TPS70950DBVT Datasheet HTML 11Page - Texas Instruments TPS70950DBVT Datasheet HTML 12Page - Texas Instruments TPS70950DBVT Datasheet HTML 13Page - Texas Instruments TPS70950DBVT Datasheet HTML 14Page - Texas Instruments TPS70950DBVT Datasheet HTML 15Page - Texas Instruments TPS70950DBVT Datasheet HTML 16Page - Texas Instruments TPS70950DBVT Datasheet HTML 17Page - Texas Instruments TPS70950DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
TPS709
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
www.ti.com
Feature Description (continued)
7.3.3 Undervoltage Lockout (UVLO)
The TPS709 uses an undervoltage lockout (UVLO) circuit to keep the output shut off until the internal circuitry
operates properly.
7.3.4 Reverse-Current Protection
The TPS709 has integrated reverse-current protection. Reverse-current protection prevents the flow of current
from the OUT pin to the IN pin when output voltage is higher than input voltage. The reverse-current protection
circuitry places the power path in high impedance when the output voltage is higher than the input voltage. This
setting reduces leakage current from the output to the input to 10 nA, typical. The reverse current protection is
always active regardless of the enable pin logic state or if the OUT pin voltage is greater than 1.8 V. Reverse
current can flow if the output voltage is less than 1.8 V and if input voltage is less than the output voltage.
If voltage is applied to the input pin, then the maximum voltage that can be applied to the OUT pin is the lower of
three times the nominal output voltage or 6.5 V. For example, if the 1.2-V output voltage version is used, then the
maximum reverse bias voltage that can be applied to the OUT pin is 3.6 V. If the 5.0-V output voltage version is
used, then the maximum reverse bias voltage that can be applied to the OUT pin is 6.5 V.
7.4 Device Functional Modes
The TPS709 has the following functional modes:
1. Enabled: When the enable pin (EN) goes above 0.9 V, the device is enabled. EN is pulled high by a 300-nA
current source; therefore, EN can be left floating to enable the device. Do not connect EN to VIN. The EN pin
is clamped by a 6.5-V Zener diode. Do not exceed the 7-V absolute maximum rating on the enable pin or
excessive current flowing into the Zener clamp will destroy the device.
2. Disabled: When EN goes below 0.4 V, the device is disabled. During this time, OUT is high impedance and
the current into IN (I(SHUTDOWN)) is typically 150 nA.
14
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com