Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70950DBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70950DBVT
Description  TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70950DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS70950DBVT Datasheet HTML 11Page - Texas Instruments TPS70950DBVT Datasheet HTML 12Page - Texas Instruments TPS70950DBVT Datasheet HTML 13Page - Texas Instruments TPS70950DBVT Datasheet HTML 14Page - Texas Instruments TPS70950DBVT Datasheet HTML 15Page - Texas Instruments TPS70950DBVT Datasheet HTML 16Page - Texas Instruments TPS70950DBVT Datasheet HTML 17Page - Texas Instruments TPS70950DBVT Datasheet HTML 18Page - Texas Instruments TPS70950DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TPS70933
EN
IN
OUT
V
IN
V
OUT
1
F
m
2.2
F
m
GND
NC
TPS709
www.ti.com
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS709 is a series of devices that belong to a new family of next-generation voltage regulators. These
devices consume low quiescent current and deliver excellent line and load transient performance. This
performance, combined with low noise and very good PSRR with little (VIN – VOUT) headroom, makes these
devices ideal for RF portable applications, current limit, and thermal protection. The TPS709 is specified from
–40°C to +125°C.
8.1.1 Input and Output Capacitor
The TPS709 devices are stable with output capacitors with an effective capacitance of 2.0
μF or greater for
output voltages below 1.5 V. For output voltages equal or greater than 1.5 V, the minimum effective capacitance
for stability is 1.5 µF. The maximum capacitance for stability is 47 µF. The equivalent series resistance (ESR) of
the output capacitor must be between 0
Ω and 0.2 Ω for stability.
The effective capacitance is the minimum capacitance value of a capacitor after taking into account variations
resulting from tolerances, temperature, and dc bias effects. X5R- and X7R-type ceramic capacitors are
recommended because these capacitors have minimal variation in value and ESR over temperature.
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1-µF to
2.2-µF capacitor from IN to GND. This capacitor counteracts reactive input sources and improves transient
response, input ripple, and PSRR. An input capacitor is necessary if line transients greater than 10 V in
magnitude are anticipated.
8.1.2 Transient Response
As with any regulator, increasing the output capacitor size reduces over- and undershoot magnitude, but
increases transient response duration.
8.2 Typical Application
Figure 36. Wide Input, 3.3-V, Low-IQ Rail
8.2.1 Design Requirements
Table 1 summarizes the design requirements for Figure 36.
Table 1. Design Requirements for a Wide Input, 3.3-V, Low-IQ Rail Application
PARAMETER
DESIGN SPECIFICATION
VIN
5 V to 20 V
VOUT
3.3 V
I(IN) (no load)
< 5 µA
IOUT (max)
150 mA
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com