Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70950DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70950DBVT
Description  TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70950DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS70950DBVT Datasheet HTML 13Page - Texas Instruments TPS70950DBVT Datasheet HTML 14Page - Texas Instruments TPS70950DBVT Datasheet HTML 15Page - Texas Instruments TPS70950DBVT Datasheet HTML 16Page - Texas Instruments TPS70950DBVT Datasheet HTML 17Page - Texas Instruments TPS70950DBVT Datasheet HTML 18Page - Texas Instruments TPS70950DBVT Datasheet HTML 19Page - Texas Instruments TPS70950DBVT Datasheet HTML 20Page - Texas Instruments TPS70950DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
COUT
VOUT
VIN
GND PLANE
CIN
Represents via used for
application specific connections
1
2
3
4
5
TPS709
www.ti.com
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
10 Layout
10.1 Layout Guidelines
Place input and output capacitors as close to the device pins as possible. To improve ac performance (such as
PSRR, output noise, and transient response), TI recommends that the board be designed with separate ground
planes for VIN and VOUT, with the ground plane connected only at the GND pin of the device. In addition, the
ground connection for the output capacitor must be connected directly to the device GND pin.
10.1.1 Thermal Protection
Thermal protection disables the output when the junction temperature rises to approximately 165°C, allowing the
device to cool. When the junction temperature cools to approximately 145°C, the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit can cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage as a
result of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, limit junction temperature to 125°C, maximum. To estimate the margin of safety
in a complete design (including heatsink), increase the ambient temperature until the thermal protection is
triggered; use worst-case loads and signal conditions. For good reliability, thermal protection must trigger at least
35°C above the maximum expected ambient condition of the particular application. This configuration produces a
worst-case junction temperature of 125°C at the highest expected ambient temperature and worst-case load.
The TPS709 internal protection circuitry is designed to protect against overload conditions. This circuitry is not
intended to replace proper heatsinking. Continuously running the TPS709 into thermal shutdown degrades
device reliability.
10.2 Layout Example
Figure 39. Layout Example for DBV Package
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com