Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP25 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # LDP25
Description  25 WATT OUTPUT LED POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP25 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  LDP25 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP25 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation LDP25 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V21
2
Order Information
:
Specifications
LDP25 Series Derating Curve
INPUT SPECIFICATIONS:
AC Input Voltage …....………....................................................... 90~305Vac
Frequency …………………………………………….……………..... 47 to 63Hz
Power Factor ………….…… PF≧0.9@115Vac/230Vac, 75%~100% Load
P F ≧ 0 . 9 @ 2 7 7 V a c ,
1 0 0 %
L o a d
Inrush Current ….……..….… <5A After 100µs @240Vac, 25℃ Ta Cold Start
Leakage Current …………………………………………….......... 0.5mA max.
Standby Power Consumption …………………………..….………….. <0.5W
Input Current (Full Load) ……..……….… 0.3A/0.14A typ @115Vac/230Vac
OUTPUT SPECIFICATIONS:
Maximum Output Voltage…………………………………………… See Table
Constant Current Accuracy (note1) …….…………….……...………±5% max.
Current Line Regulation (note2) ………………………..……….…. ±5% max.
Current Load Regulation (note3) ……………….……..…………... ±5% max.
Start up Time …………………….…………….….…….……. 0.5 second max.
Over Voltage Protection …………….…......………….…..……… TVS Clamp
SAFETY AND EMISSIONS:
Short Circuit Protection …………………..….. Hiccup Mode, Auto Recovery
Safety …......................................... UL8750, IEC61347-1, IEC61347-2-13
GENERAL SPECIFICATIONS:
EMI …………………..……………............ FCC Part 18/EN55015 Class B
Efficiency …………………………….………….…….…………...… See Table
EMS ……................................…. EN61547,EN61000-4-2, 3, 4, 5,6, 8, 11
Temperature .................…...................……………......… ±0.05%/℃(0~50℃)
EN61000-3-2 Harmonic Class C, EN61000-3-3
Isolation Voltage, Input to Output ………….…………………..……. 3.75KVac
NOTE:
Isolation Resistance, Input to Output …………………………..…… 10
8Ω min.
1. Current accuracy is set at nominal input voltage and full load.
Operating Ambient Temperature .............. -40°C~70°C(See Derating Curve)
2. Current line regulation is measured from high line to low line with full load.
Cooling…………………………….……………..…………. Natural Convection
3. Current load regulation is measured minimum to maximum of the
Storage Temperature……...…...............…………….......…........... -40 ~ 85℃
constant current region.
Operating Humidity ………...…...…………. 20%~95% RH Non-Condensing.
4. All specifications are typical at 230Vac, vo max., full load and 25℃ Ta
Operating Altitude Max. …………………………………. Sea Level to 3000m
unless other noted.
MTBF, MIL-HDBK-217F (25℃ Ta)
...................................... 200Khrs
5. The input/output wires accessibility shall be evaluated during final
MECHANICAL CHARACTERISTICS:
system assembly.
Dimensions .....….. 5.511x1.181x0.787 Inches (140.00x30.00x20.00mm)
Weight ………………………………………………………….………. 100g
All specifications are Typical at nominal line , full load and 25˚C unless otherwise noted
Series
Output(W)
IP Code
Output Voltage
Dimming Function
Rated Output Current
Input Voltage
Ripple Nosie
LDP
25
X
XXX
X
XXX
B
X
240:24V
24V
110: 1100mA
105: 1050mA
070: 700mA
360:36V
36V
070: 700mA
S:Single O/P
with IP64
480:48V
48V
053: 530mA
035: 350mA
240:24V
24V
110: 1100mA
105: 1050mA
070: 700mA
360:36V
36V
070: 700mA
A:Single O/P
with IP67
480:48V
C:No dimming
P:PWM/1-10V,
48V
053: 530mA
035: 350mA
B:100-277 Vac
R:1% output
ripple and noise
or
Blank:10% output
ripple and noise



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com