Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP25 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # LDP25
Description  25 WATT OUTPUT LED POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP25 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  LDP25 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP25 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation LDP25 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V21
1
LDP25 SERIES
25 WATT OUTPUT
LED POWER SUPPLY
Features
* 25W Single Outputs
* Universal AC Input Range 90~305Vac
* Constant Current Design
* Active PFC > 0.9
* Low Inrush Current < 5A
* Standby Power Consumption <0.5W
* Low profile with 20mm Height and Narrow 30mm Width
* Low Frequency Flicker Design
* Continuous Short Circuit Protection
* Over Temperature Protection
* IP 67 Rated
* Fully Isolated Plastic Case
* Dimming Function: PWM/1~10VDC
All specifications are Typical at nominal line , full load and 25˚C unless otherwise noted
MODEL
Output Rated
Voltage
Constant
Current
Region
Ripple and
Noise(V p-p
max.)
Output
Rated
Current
No Load
Output
Voltage (max.)
Output
Rated
Power
%EFF.
(typ.)
LDP25S240-C110BR
24V
9-24V
0.24V
86%
LDP25S240-C110B
24V
16-24V
2.0V
1100mA
29V
26.40W
88%
LDP25S240-C105BR
24V
9-24V
0.24V
85%
LDP25S240-C105B
24V
16-24V
2.0V
1050mA
29V
25.20W
87%
LDP25S240-C070BR
24V
9-24V
0.24V
84%
LDP25S240-C070B
24V
16-24V
2.0V
700mA
29V
16.80W
86%
LDP25S360-C070BR
36V
9-36V
0.36V
86%
LDP25S360-C070B
36V
24-36V
2.7V
700mA
43V
25.20W
88%
LDP25S480-C053BR
48V
9-48V
0.48V
86%
LDP25S480-C053B
48V
32-48V
4.8V
530mA
56V
25.44W
88%
LDP25S480-C035BR
48V
9-48V
0.48V
84%
LDP25S480-C035B
48V
32-48V
4.8V
350mA
56V
16.80W
86%


Similar Part No. - LDP25

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDP200-120 BEL-LDP200-120 Datasheet
698Kb / 5P
Instrumentation Equipment
LDP200-200 BEL-LDP200-200 Datasheet
680Kb / 4P
Industrial Control
logo
Leshan Radio Company
LDP2010DT1G LRC-LDP2010DT1G Datasheet
729Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Anova Technologies CO.,...
LDP20A ANOVA-LDP20A Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP20A LUGUANG-LDP20A Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP25

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSS25 WALL-PSS25 Datasheet
158Kb / 3P
25 Watt Single Output AC/DC Power Supply
DTIPU25 WALL-DTIPU25 Datasheet
203Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTSPU25 WALL-DTSPU25 Datasheet
197Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
LDL40 CINCON-LDL40 Datasheet
373Kb / 2P
40 WATT SINGLE OUTPUT LED POWER SUPPLY
LDP15 CINCON-LDP15 Datasheet
478Kb / 2P
15 WATT SINGLE OUTPUT LED POWER SUPPLY
LDP40 CINCON-LDP40 Datasheet
274Kb / 3P
40 WATT OUTPUT LED POWER SUPPLY
logo
ETA-USA
DAC25-FWX ETA-USA-DAC25-FWX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TMPW25 TRACOPOWER-TMPW25 Datasheet
1,002Kb / 4P
AC/DC Power Supply TMPW 25 Series, 25 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com