Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP25 Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # LDP25
Description  25 WATT OUTPUT LED POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP25 Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  LDP25 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP25 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation LDP25 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V21
3
Mechanical Specification
Standard Cable for LDP25Sxxx-PxxxBR,LDP25Axxx-PxxxBR
UNIT:inches(mm)
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
All Dimensions are in inches(mm)
ACN(White)
0.393[10.00]
5.511[140.00]
5.984[152.00]
8.268[210.00]±0.787[20.00]
7.874[200.00]±0.787[20.00]
UL 1015 18AWG
1.181 [30.00]
ACL(Black)
(Optional)
-Vo(Black)
D+(Blue)
12.953[329.00]±0.787[20.00]
(Optional)
D-(White)
6.693[170.00]±0.787[20.00]
8.465[215.00]±0.787[20.00]
(Optional) D+(Blue)22AWG
φ0.138[3.50]x2PL
-Vo(Black)18AWG
+Vo(Red)18AWG
(Optional) D-(White)22AWG
+Vo(Red)
0.393[10.00]
Standard Cable for LDP25Sxxx-CxxxBx,LDP25Axxx-CxxxBx
0.393[10.00]
5.511[140.00]
5.984[152.00]
-Vo(Black)
+Vo(Red)
7.087[180.00]±0.787[20.00]
7.874[200.00]±0.787[20.00]
8.268[210.00]±0.787[20.00]
7.874[200.00]±0.787[20.00]
UL 1015 18AWG
UL 1015 18AWG
1.181 [30.00]
φ0.138[3.50]x2PL
ACN(White)
ACL(Black)
0.393[10.00]
UNIT:inches(mm)
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
All Dimensions are in inches(mm)
WIRE CONNECTION
COLOR
NO
DIMMING
PWM
DIMMING
BLUE
(N.A.)
D+
WHITE
(N.A.)
D-
RED
+VO
+VO
BLACK
-VO
-VO
All specifications are Typical at nominal line , full load and 25˚C unless otherwise noted



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com