Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6307S Datasheet(PDF) 32 Page - VIA Technologies, Inc.

Part # VT6307S
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307S Datasheet(HTML) 32 Page - VIA Technologies, Inc.

Back Button VT6307S Datasheet HTML 28Page - VIA Technologies, Inc. VT6307S Datasheet HTML 29Page - VIA Technologies, Inc. VT6307S Datasheet HTML 30Page - VIA Technologies, Inc. VT6307S Datasheet HTML 31Page - VIA Technologies, Inc. VT6307S Datasheet HTML 32Page - VIA Technologies, Inc. VT6307S Datasheet HTML 33Page - VIA Technologies, Inc. VT6307S Datasheet HTML 34Page - VIA Technologies, Inc. VT6307S Datasheet HTML 35Page - VIA Technologies, Inc. VT6307S Datasheet HTML 36Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-26-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Self-ID Control Registers
Memory Offset 64 – Self ID Buffer Pointer ................... RW
31-11 Self-ID Buffer Pointer................ default = undefined
Contains the base address of a 2K-byte buffer in host
memory where received Self-ID packets are stored.
10-0 Reserved
........................................ always reads 0
Memory Offset 68 – Self ID Count................................... RO
31
Self-ID Error .............................. default = undefined
0
Self-ID packet received with no errors (this bit
is
automatically
cleared
after
error-free
reception of a Self-ID packet)
1
Error detected during most recent Self-ID
packet reception (the contents of the Self-ID
Buffer are undefined in this case)
30-24 Reserved
........................................ always reads 0
23-16 Self-ID Generation ..................... default = undefined
The value in this field is incremented automatically
each time the Self-ID reception process begins. The
value rolls over after reaching 255.
15-13 Reserved
........................................ always reads 0
12-2 Self-ID Size ................................ default = undefined
Contains the length in 32-bit words of Self-ID data
that has been received. This field is cleared by 1394
bus reset.
1-0
Reserved
........................................ always reads 0
Channel Mask Registers
Offset 70 (Set), 74 (Clear) – Iso Rcv Channel Mask Hi . RW
31-0 Iso Channel Mask N+32 .....................default = 0000
Bits 31-0 correspond to channel numbers 63-32.
Writing 1 bits to offset 70 enables corresponding
channels for receiving isochronous data. Writing 1
bits to offset 74 disables corresponding channels from
receiving isochronous data.
Offset 78 (Set), 7C (Clear) – Iso Rcv Channel Mask Lo RW
31-0 Iso Channel Mask N+32 .....................default = 0000
Bits 31-0 correspond to channel numbers 31-0.
Writing 1 bits to offset 78 enables corresponding
channels for receiving isochronous data. Writing 1
bits to offset 7C disables corresponding channels
from receiving isochronous data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com