Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6307S Datasheet(PDF) 13 Page - VIA Technologies, Inc.

Part # VT6307S
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307S Datasheet(HTML) 13 Page - VIA Technologies, Inc.

Back Button VT6307S Datasheet HTML 9Page - VIA Technologies, Inc. VT6307S Datasheet HTML 10Page - VIA Technologies, Inc. VT6307S Datasheet HTML 11Page - VIA Technologies, Inc. VT6307S Datasheet HTML 12Page - VIA Technologies, Inc. VT6307S Datasheet HTML 13Page - VIA Technologies, Inc. VT6307S Datasheet HTML 14Page - VIA Technologies, Inc. VT6307S Datasheet HTML 15Page - VIA Technologies, Inc. VT6307S Datasheet HTML 16Page - VIA Technologies, Inc. VT6307S Datasheet HTML 17Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-7-
Pinouts
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
VT6307S
PCI 1394a
Controller
LQFP-128
34
33
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
64
63
62
61
60
59
XREXT
PVA
NC
127
128
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
97
98
99
100
101
102
Parentheses (...) indicate alternate
function
PHYRST#
NC
NC
GND
CARDEN
I2CEN
NC
NC
NC
NC
GND
NC
PVD
NC
PME#
GND
PVD
GND
XCPS
PVA
XO
XI
GND
DEVSEL#
STOP#
GND
AD26
AD25
AD24
CBE3#
IDSEL
AD23
AD22
GND
AD21
VCC
VCC
GND
AD19
AD18
AD17
AD16
GND
CBE2#
FRAME#
IRDY#
VCC
TRDY#
AD28
AD27
VCC
GND
PERR#
PAR
AD20
I
I
O
IO
IO
IO
IO
IO
-
-
IO
IO
IO
IO
IO
I
I
-
O
-
O
O
-
-
I
-
O
I
-
A
-
-
IO
IO
-
IO
IO
IO
IO
I
IO
IO
-
IO
-
-
-
IO
IO
IO
IO
IO
-
IO
IO
IO
-
IO
IO
IO
-
-
IO
IO
NC
NC
NC
NC
NC
NC
Figure 5. VT6307S 1394a Controller LQFP - 128 Pin Diagram 14x14 (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com