Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT6307S Datasheet(PDF) 49 Page - VIA Technologies, Inc.

Part # VT6307S
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307S Datasheet(HTML) 49 Page - VIA Technologies, Inc.

Back Button VT6307S Datasheet HTML 45Page - VIA Technologies, Inc. VT6307S Datasheet HTML 46Page - VIA Technologies, Inc. VT6307S Datasheet HTML 47Page - VIA Technologies, Inc. VT6307S Datasheet HTML 48Page - VIA Technologies, Inc. VT6307S Datasheet HTML 49Page - VIA Technologies, Inc. VT6307S Datasheet HTML 50Page - VIA Technologies, Inc. VT6307S Datasheet HTML 51Page - VIA Technologies, Inc. VT6307S Datasheet HTML 52Page - VIA Technologies, Inc. VT6307S Datasheet HTML 53Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-43-
Electrical Specifications
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comment
TSTG
Storage temperature
–55
125
oC
TC
Case operating temperature
0
85
oC
VCC
Power supply voltage
–0.5
4.0
Volts
VI
Input voltage
–0.5
5.5
Volts
VO
Output voltage at any output
–0.5
VCC + 0.5
Volts
VCC = 3.1 – 3.6V
VESD
Electrostatic discharge
2
KV
Human Body Model
Note: Stress above the conditions listed may cause permanent damage to the device. Functional operation of this
device should be restricted to the conditions described under operating conditions.
DC Characteristics
TC = 0-55oC, VCC = 3.3V+/-5%, GND = 0V
Symbol
Parameter
Min
Max
Unit
Condition
VIL
Input Low Voltage
–0.50
0.8
V
VIH
Input High Voltage
2.0
VCC + 0.5
V
VOL
Output Low Voltage
-
0.45
V
IOL = +4.0mA
VOH
Output High Voltage
2.4
-
V
IOH = –1.0mA
IIL
Input Leakage Current
-
±10
uA
0 < VIN < VCC
IOZ
Tristate Leakage Current
-
±20
uA
0.45 < VOUT < VCC
Power Characteristics
TC = 0-55oC, VCC = 3.3V+/-5%, GND = 0V
Symbol
Parameter
Typ
Max
Unit
Condition
ICC-PD
Power Supply Current – VCC
mA
Power Down or Suspend
ICCRAM-PD
Power Supply Current – VCCRAM
mA
Power Down or Suspend
ICCSUS-PD
Power Supply Current – VCCSUS
mA
Power Down or Suspend
ICC
Power Supply Current – VCC
mA
S400, two ports transmitting
ICCRAM
Power Supply Current – VCCRAM
mA
S400, two ports transmitting
ICCSUS
Power Supply Current – VCCSUS
mA
S400, two ports transmitting
ICCARX
Power Supply Current – VCCARXn
mA
S400, two ports transmitting
ICCATX
Power Supply Current – VCCATXn
mA
S400, two ports transmitting
PD
Power Dissipation
W
S400, two ports transmitting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com