Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-M2SA Datasheet(PDF) 7 Page - STMicroelectronics

Part # BLUENRG-M2SA
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BLUENRG-M2SA Datasheet HTML 3Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 4Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 5Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 6Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 7Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 9Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 10Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
4
General characteristics
4.1
Absolute maximum ratings
Table 1. Absolute maximum ratings
Ratings
Min.
Typ.
Max.
Unit
Storage temperature range
-40
-
+85
°C
Supply voltage, VIN
-0.3
-
3.9
V
I/O pin voltage (VIO five-volt tolerant pin)
-0.3
-
3.9
V
RF saturation input power
-
8
-
dBm
VESD-HBM electrostatic discharge voltage
±2.0
kV
4.2
Operating conditions
Table 2. Operating conditions
Ratings
Min.
Typ.
Max.
Unit
Storage temperature range
-40
-
+85
°C
Operating ambient temperature range
-40
-
+85
°C
Supply voltage, VIN
1.7
3.3
3.6
V
Signals and I/O pin voltage (according supply voltage)
1.7
-
3.6
V
Frequency range
2402
-
2480
MHz
BlueNRG-M2
General characteristics
DS13053 - Rev 2
page 7/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com