Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-M2SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # BLUENRG-M2SA
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Datasheet(HTML) 1 Page - STMicroelectronics

  BLUENRG-M2SA Datasheet HTML 1Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 2Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 3Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 4Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 5Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 6Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 7Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Features
•
Bluetooth v5.0 compliant
–
Supports master and slave modes
–
Multiple roles supported simultaneously
–
LE data packet length extension
•
Embedded ST BlueNRG-2 BLE SoC
–
High performance, ultra-low power Cortex-M0 32-bit based core
–
Programmable embedded 256 kB Flash
–
24 kB embedded RAM with data retention
–
Up to +8 dBm available output power
–
Down to -88 dBm Rx sensitivity
–
Up to 96 dB link budget with excellent link reliability
•
Embedded BALF-NRG-02D3 integrated matched balun with harmonic filter
•
Interfaces:
–
1 x UART, 1 x I2C, 1xSPI, 14 x GPIO, 2 x multifunction timer, 10-bit ADC,
watchdog and RTC, DMA controller, PDM stream processor, SWD debug
interface
•
On-board chip antenna (BLUENRG-M2SA) or PCB antenna (BLUENRG-M2SP)
•
Small form factor: 11.5 mm x13.5 mm
•
Complemented with Bluetooth low energy protocol stack library (GAP, GATT,
SM, L2CAP, LL)
•
AES secutity co-processor
•
Bluetooth low energy SDK with a wide range of available profiles
•
Certification
–
CE qualified
–
FCC, IC modular approval certified
–
TYPE qualified
–
BQE qualified
•
Pre-programmed UART bootloader
•
Operating supply voltage: from 1.7 to 3.6 V
•
Operating temperature range: -40 °C to 85 °C
Applications
•
Internet of Things
•
Smart Home
•
Building and industrial automation
•
Smart Lighting
•
Remote and access control
•
Fitness, wellness and sports
•
Consumer medical
•
Security and proximity
•
Assisted living
•
PC and smart phone peripherals
Product status link
BlueNRG-M2
Product label
Very low power application processor module for Bluetooth® low energy v5.0
BlueNRG-M2
Datasheet
DS13053 - Rev 2 - July 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - BLUENRG-M2SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-M2SA STMICROELECTRONICS-BLUENRG-M2SA Datasheet
1Mb / 5P
Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022
More results

Similar Description - BLUENRG-M2SA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4020 MICROCHIP-RN4020 Datasheet
1Mb / 28P
Bluetooth Low Energy Module
07/14/15
logo
STMicroelectronics
SPBTLE-1S STMICROELECTRONICS-SPBTLE-1S Datasheet
929Kb / 27P
Very low power application processor module for Bluetooth® Low Energy v4.2
October 2017 Rev 3
BLUENRG-M0 STMICROELECTRONICS-BLUENRG-M0 Datasheet
2Mb / 28P
Very low power network processor module for Bluetooth® low energy v4.2
Mar-2020
logo
Panasonic Semiconductor
PAN1740A PANASONIC-PAN1740A Datasheet
1Mb / 34P
Bluetooth Low Energy Module
PAN1760A PANASONIC-PAN1760A Datasheet
1Mb / 33P
Bluetooth Low Energy Module
logo
STMicroelectronics
SPBTLE-RF0 STMICROELECTRONICS-SPBTLE-RF0 Datasheet
3Mb / 25P
Very low power network processor module for Bluetooth® Low Energy v4.1
13-Jan-2021
logo
Panasonic Semiconductor
PAN1781 PANASONIC-PAN1781 Datasheet
889Kb / 35P
Bluetooth® Low Energy Module
Rev. 1.0
logo
Renesas Technology Corp
RYZ012 RENESAS-RYZ012 Datasheet
649Kb / 21P
Wireless Communication Module for Bluetooth® 5 Low Energy
May.05.22
logo
Taiyo Yuden (U.S.A.), I...
EKSKBNZWB TAIYO-YUDEN-EKSKBNZWB Datasheet
371Kb / 2P
Bluetooth® 5.0 low energy Module
logo
Microchip Technology
RNBD451 MICROCHIP-RNBD451 Datasheet
1Mb / 67P
RNBD451 Bluetooth® Low Energy Module Data Sheet
Revision A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com