Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-M2SA Datasheet(PDF) 15 Page - STMicroelectronics

Part # BLUENRG-M2SA
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Datasheet(HTML) 15 Page - STMicroelectronics

Back Button BLUENRG-M2SA Datasheet HTML 11Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 12Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 13Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 14Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 15Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 16Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 17Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 18Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
7
Regulatory compliance
7.1
FCC certification
This module has been tested and found to comply with the FCC part 15 rules. These limits are designed to
provide reasonable protection against harmful interference in approved installations. This equipment generates,
uses, and can radiate radio frequency energy and, if not installed and used in accordance with the instructions,
may cause harmful interference to radio communications.
However, there is no guarantee that interference may not occur in a particular installation.
This device complies with part 15 of the FCC rules. Operation is subject to the following two conditions:
1.
this device may not cause harmful interference
2.
this device must accept any interference received, including interference that may cause undesired
operation
Modifications or changes to this equipment not expressly approved by STMicroelectronics may render void the
user's authority to operate this equipment.
Modular approval
FCC ID: S9NBNRGM2SA & S9NBNRGM2SP
In accordance with FCC part 15, the BLUENRG-M2SA and BLUENRG-M2SP is listed as a modular transmitter
device.
This module is evaluated for stand-alone use only. Finished products incorporating multiple transmitters must
comply with collocation and RF exposure requirements in accordance with FCC multi-transmitter product
procedures. Collocated transmitters operating in portable RF Exposure conditions (e.g. <20 cm from persons
including but not limited to body worn and hand held devices) may require separate approval.
7.1.1
Labeling instructions
When the BLUENRG-M2SA and BLUENRG-M2SP are integrated into the final product, the OEM must ensure
that the FCC labeling requirements are satisfied. A statement must be included on the exterior of the final product
which indicates the product includes a certified module. The label should state the following (or similar wording
that conveys the same meaning):
Contains FCC ID: S9NBNRGM2SA & S9NBNRGM2SP
OR
This product contains FCC ID: S9NBNRGM2SA & S9NBNRGM2SP
The OEM must include the following statements on the exterior of the final product unless the product is too small
(e.g. less than 4 x 4 inches):
This device complies with part 15 of the FCC rules. Operation is subjected to the following two conditions:
1.
this device may not cause harmful interference and
2.
this device must accept any interference received, including any interference that may cause undesired
operations.
7.1.2
Product manual instructions
This section applies to OEM final products containing the BlueNRG-M2 module, subjected to FCC compliance.
The final product manual must contain the following statement (or a similar statement that conveys the same
meaning):
Note:
Changes or modifications not expressly approved by the party responsible for compliance could void the user's
authority to operate the equipment. (Part. 15.21)
In the case where an OEM seeks Class B (residential) limits for the final product, the following statement must be
included in the final product manual:
Note:
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part
15 of the FCC rules. These limits are designed to provide reasonable protection against harmful interference in a
residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not
installed and used in accordance with the instructions, may cause harmful interference to radio communications.
However, there is no guarantee that interference will not occur in a particular installation. If this equipment does
BlueNRG-M2
Regulatory compliance
DS13053 - Rev 2
page 15/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com