Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X11SSL Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 11Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 12Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 13Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 14Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 15Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 16Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 17Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 18Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 124 page
background image
15
Chapter 1: Introduction
Note: The table above is continued on the next page.
Motherboard Features
CPU
• Intel® Xeon® E3-1200 v6/v5, 7th/6th Gen Core™ i3, Pentium, and Celeron series processor in an LGA1151 (H4) socket
with 80W max TDP.
Memory
• Four (4) 288-pin DIMM slots support up to 64 GB of SDRAM 72-bit DDR4 unbuffered ECC 2400/2133/1866/1600/1333MHz
memory.
DIMM Size
• 16GB, 8GB, and 4GB, up to 64GB at 1.2V
Note 1: Memory speed support depends on the processors used in the system.
Note 2: For the latest CPU/memory updates, please refer to our website at http://www.supermicro.com/products/
motherboard.
Chipset
• Intel® C236 PCH (X11SSM/-F)
• Intel® C232 PCH (X11SSL/-F)
Expansion Slots
• Two (2) PCI Express 3.0 x4in x8 slots (PCH slots 4 & 5) [slot 4 on X11SSM(-F) only]
• One (1) PCI Express 3.0 x8in x16 slot (CPU slot 6)
• One (1) PCI Express 3.0 x8 slot (CPU slot 7)
Network
• Intel i210 AT Gigabit Ethernet Controllers for LAN1/LAN2
Baseboard Management Controller (BMC)
• Aspeed AST 2400 Baseboard Controller (BMC) supports IPMI 2.0 (-F versions only)
• One (1) IPMI_dedicated_LAN located on the rear IO back panel (-F versions only)
Graphics
• Graphics controller via Aspeed AST2400 BMC
I/O Devices
• Serial (COM) Port
• One (1) serial port on the rear I/O panel (COM1)
• One (1) front accessible serial port header (COM2) (X11SSM/-F only)
• SATA 3.0
• Six (6) SATA 3.0 ports (I-SATA 0-5)
• Two (2) additional SATA 3.0 ports (I-SATA6-7) (X11SSM/-F only)
• Two (2) SuperDOM connectors (I-SATA0 & I-SATA1)
• RAID (PCH)
• RAID 0, 1, 5, and 10
Motherboard Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com