Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X11SSL Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 76Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 77Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 78Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 79Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 80Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 81Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 82Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 83Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
X11SSM(-F)/X11SSL(-F) User Manual
80
Package Power Limit MSR Lock
Select Enabled to lock the package power limit for the model specific registers. The options
are
Disabled and Enabled.
Power Limit 1 Override
Select Enabled to support average power limit (PL1) override. The default setting is
Disabled.
Power Limit 2 Override
Select Enabled to support rapid power limit (PL2) override. The default setting is
Enabled.
Power Limit 2
Use this item to configure the value for Power Limit 2. The value is in milli watts and the step
size is 125mW. Use the number keys on your keyboard to enter the value. Enter 0 to use the
manufacture default setting If the value is 0, the BIOS will set PL2 as 1.25* TDP.
1-Core Ratio Limit Override
This increases (multiplies) 1 clock speed in the CPU core in relation to the bus speed when
one CPU core is active. Press "+" or "-" on your keyboard to change the value. Enter 0 to
use the manufacture default setting.
2-Core Ratio Limit Override
This increases (multiplies) 2 clock speeds in the CPU core in relation to the bus speed when
two CPU cores are active. Press "+" or "-" on your keyboard to change the value. Enter 0 to
use the manufacture default setting.
3-Core Ratio Limit Override
This increases (multiplies) 3 clock speeds in the CPU core in relation to the bus speed when
three CPU cores are active. Press "+" or "-" on your keyboard to change the value. Enter 0
to use the manufacture default setting.
4-Core Ratio Limit Override
This increases (multiplies) 4 clock speeds in the CPU core in relation to the bus speed when
three CPU cores are active. Press "+" or "-" on your keyboard to change the value. Enter 0
to use the manufacture default setting.
CPU C-States
Use this feature to enable the C-State of the CPU. The options are Disabled and
Enabled.
Enhanced C-States
Use this feature to enable the enhanced C-State of the CPU. The options are Disabled and
Enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com