Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X11SSL Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 29Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 30Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 31Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 32Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 33Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 34Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 35Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 36Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
33
Chapter 2: Installation
2.4 Memory Support and Installation
Note: Check the Supermicro website for recommended memory modules.
Important: Exercise extreme care when installing or removing DIMM modules to pre-
vent any possible damage.
Memory Support
The X11SSM(-F)/X11SSL(-F) motherboard supports up to 64GB of unbuffered (UDIMM)
DDR4 ECC 2400/2133/1866/1600/1333MHz memory in four memory slots. Populating these
DIMM slots with memory modules of the same type and size will result in interleaved memory,
which will improve memory performance.
DIMM Module Population Configuration
For optimal memory performance, follow the table below when populating memory.
Processors and their Corresponding Memory Modules
CPU#
Corresponding DIMM Modules
CPU
DIMMA1
DIMMA2
DIMMB1
DIMMB2
Memory Module Population for Optimal Performance
Number of
DIMMs
Memory Population Configuration Table
(For memory to work properly, please follow the instructions below.)
2 DIMMs
DIMMB2/DIMMA2
4 DIMMs
DIMMB2/DIMMA2, DIMMB1/DIMMA1
Memory Module Population
DIMM Slots
per Channel DIMM Type
POR Speeds
(MHz)
Ranks per
DIMM
Layer
Count
FW Base
Supported
Voltage
2
Unbuffered
DDR4 ECC
2400, 2133,
1866, 1600,
1333
SR, DR
6
SPS
1.2V1
Memory Module Population
Max Memory
Possible
4GB DRAM
Technology
8GB DRAM
Technology
Single Rank
UDIMM
16GB
(4x 4GB DIMMs)
32GB
(4x 8GB DIMMs)
Dual Rank
UDIMMs
32GB
(4x 8GB DIMMs)
64GB
(4x 16GB DIMMs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com