Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS-G7828A Datasheet(PDF) 2 Page - Moxa Inc.

Part # ICS-G7828A
Description  24G4 10GbE-port Layer 2/Layer 3 full Gigabit managed Ethernet switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

ICS-G7828A Datasheet(HTML) 2 Page - Moxa Inc.

  ICS-G7828A Datasheet HTML 1Page - Moxa Inc. ICS-G7828A Datasheet HTML 2Page - Moxa Inc. ICS-G7828A Datasheet HTML 3Page - Moxa Inc. ICS-G7828A Datasheet HTML 4Page - Moxa Inc. ICS-G7828A Datasheet HTML 5Page - Moxa Inc. ICS-G7828A Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.moxa.com
2
Combo Ports (10/100/1000BaseT(X) or 100/
1000BaseSFP+)
4
Standards
IEEE 802.1D-2004 for Spanning Tree Protocol
IEEE 802.1p for Class of Service
IEEE 802.1Q for VLAN Tagging
IEEE 802.1s for Multiple Spanning Tree Protocol
IEEE 802.1w for Rapid Spanning Tree Protocol
IEEE 802.1X for authentication
IEEE 802.3 for 10BaseT
IEEE 802.3ab for 1000BaseT(X)
IEEE 802.3ad for Port Trunk with LACP
IEEE 802.3ae for 10 Gigabit Ethernet
IEEE 802.3u for 100BaseT(X) and 100BaseFX
IEEE 802.3x for flow control
IEEE 802.3z for 1000BaseSX/LX/LHX/ZX
Ethernet Software Features
Management
ARP, Back Pressure Flow Control, BOOTP, DDM, DHCP Option 66/67/82, DHCP Server/
Client, IPv4, LLDP, Port Mirror, RMON, SNMP Inform, SNMPv1/v2c/v3, Syslog, Telnet,
TFTP, SMTP, RARP, Flow control
Filter
802.1Q, GMRP, GVRP, IGMP v1/v2/v3, QinQ VLAN
Multicast Routing
DVMRP, PIM-DM, PIM-SM, PIM-SSM
Redundancy Protocols
Link Aggregation, MSTP, RSTP, Turbo Chain, Turbo Ring v1/v2, V-ON
Routing Redundancy
VRRP
Security
Access control list, Broadcast storm protection, HTTPS/SSL, MAB authentication,
Sticky MAC, NTP authentication, Port Lock, RADIUS, SSH, TACACS+
Time Management
NTP Server/Client, SNTP
Unicast Routing
OSPF, RIPV1/V2, Static Route
Industrial Protocols
EtherNet/IP, Modbus TCP, PROFINET
MIB
Bridge MIB, Ethernet-like MIB, MIB-II, P-BRIDGE MIB, Q-BRIDGE MIB, RMON MIB
Groups 1, 2, 3, 9, RSTP MIB
Switch Properties
DRAM
128 MB
Flash
16 MB
IGMP Groups
4096
Jumbo Frame Size
9.6 KB
MAC Table Size
16 K
Max. No. of VLANs
256
Packet Buffer Size
12 Mbits
VLAN ID Range
VID 1 to 4094
Priority Queues
8
USB Interface
Storage Port
USB Type A
Serial Interface
Console Port
USB-serial console (Type B connector)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com