Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS-G7828A Datasheet(PDF) 3 Page - Moxa Inc.

Part # ICS-G7828A
Description  24G4 10GbE-port Layer 2/Layer 3 full Gigabit managed Ethernet switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

ICS-G7828A Datasheet(HTML) 3 Page - Moxa Inc.

  ICS-G7828A Datasheet HTML 1Page - Moxa Inc. ICS-G7828A Datasheet HTML 2Page - Moxa Inc. ICS-G7828A Datasheet HTML 3Page - Moxa Inc. ICS-G7828A Datasheet HTML 4Page - Moxa Inc. ICS-G7828A Datasheet HTML 5Page - Moxa Inc. ICS-G7828A Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.moxa.com
3
Input/Output Interface
Alarm Contact Channels
Relay output with current carrying capacity of 2 A @ 30 VDC
Digital Inputs
+13 to +30 V for state 1
-30 to +1 V for state 0
Max. input current: 8 mA
Power Parameters
Input Voltage
110 to 220 VAC, Redundant dual inputs
Operating Voltage
85 to 264 VAC
Overload Current Protection
Supported
Reverse Polarity Protection
Supported
Input Current
1/0.5 A @ 110/220 VAC
Physical Characteristics
IP Rating
IP30
Dimensions
440 x 44 x 386.9 mm (17.32 x 1.73 x 15.23 in)
Weight
Standard Models: 5500 g(12.14 lb)
Wide Temp. Models: 6470 g(14.26 lb)
5500 g (12.14 lb)
Installation
Rack mounting
Environmental Limits
Operating Temperature
Standard Models: -10 to 60°C (14 to 140°F)
Wide Temp. Models: -40 to 75°C (-40 to 167°F)
Storage Temperature (package included)
-40 to 85°C (-40 to 185°F)
Ambient Relative Humidity
5 to 95% (non-condensing)
Standards and Certifications
Safety
UL 61010-2-201, EN 61010-2-201, EN 60950-1, UL 60950-1
EMC
EN 55032/24
EMI
CISPR 32, FCC Part 15B Class A
EMS
IEC 61000-4-2 ESD: Contact: 4 kV; Air: 8 kV
IEC 61000-4-3 RS: 80 MHz to 1 GHz: 10 V/m
IEC 61000-4-4 EFT: Power: 2 kV; Signal: 1 kV
IEC 61000-4-5 Surge: Power: 2 kV; Signal: 1 kV
IEC 61000-4-6 CS: 10 V
IEC 61000-4-8 PFMF
Railway
EN 50121-4
Freefall
IEC 60068-2-32
Shock
IEC 60068-2-27
Vibration
IEC 60068-2-6
MTBF
Time
310,205 hrs
Standards
Telcordia (Bellcore), GB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com