Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS-G7828A Datasheet(PDF) 4 Page - Moxa Inc.

Part # ICS-G7828A
Description  24G4 10GbE-port Layer 2/Layer 3 full Gigabit managed Ethernet switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

ICS-G7828A Datasheet(HTML) 4 Page - Moxa Inc.

  ICS-G7828A Datasheet HTML 1Page - Moxa Inc. ICS-G7828A Datasheet HTML 2Page - Moxa Inc. ICS-G7828A Datasheet HTML 3Page - Moxa Inc. ICS-G7828A Datasheet HTML 4Page - Moxa Inc. ICS-G7828A Datasheet HTML 5Page - Moxa Inc. ICS-G7828A Datasheet HTML 6Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.moxa.com
4
Warranty
Warranty Period
5 years
Details
See www.moxa.com/warranty
Package Contents
Device
1 x ICS-G7828A Series switch
Cable
1 x USB type A male to USB type B male
Installation Kit
2 x rack-mounting ear
Power Supply
1 x power cord, EU type
1 x power cord, US type
Documentation
1 x document and software CD
1 x warranty card
Note
SFP modules need to be purchased separately for use with this product.
Dimensions
Ordering Information
Model Name
Layer
10GbE SFP+ Slots
Combo Ports
10/100/
1000BaseT(X) or
100/
1000BaseSFP+
100/1000Base SFP
Slots
10/100/
1000BaseT(X)
Ports
RJ45 Connector
Operating Temp.
ICS-G7828A-4GTXSFP-
4XG-HV-HV
3
4
4
0
20
-10 to 60°C
ICS-G7828A-4XG-HV-HV-T
3
4
4
0
20
-40 to 75°C
ICS-G7828A-8GSFP-
4GTXSFP-4XG-HV-HV
3
4
4
8
12
-10 to 60°C
ICS-G7828A-8GSFP-4XG-
HV-HV-T
3
4
4
8
12
-40 to 75°C
ICS-G7828A-20GSFP-
4GTXSFP-4XG-HV-HV
3
4
4
20
0
-10 to 60°C
ICS-G7828A-20GSFP-4XG-
HV-HV-T
3
4
4
20
0
-40 to 75°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com