Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4210 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 15Page - National Semiconductor (TI) CS4210 Datasheet HTML 16Page - National Semiconductor (TI) CS4210 Datasheet HTML 17Page - National Semiconductor (TI) CS4210 Datasheet HTML 18Page - National Semiconductor (TI) CS4210 Datasheet HTML 19Page - National Semiconductor (TI) CS4210 Datasheet HTML 20Page - National Semiconductor (TI) CS4210 Datasheet HTML 21Page - National Semiconductor (TI) CS4210 Datasheet HTML 22Page - National Semiconductor (TI) CS4210 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
Revision 1.0
19
www.national.com
Operational Description (Continued)
3.3
COMMON DMA CONTROLLER FEATURES
The CS4210 provides several types of DMA functionality:
• General-purpose DMA handling asynchronous transmit
and receive packets and isochronous transmit and
receive packets.
• An inbound bus bridge function that allows 1394 devices
to directly access system memory called “physical
DMA.”
• A separate write buffer for the received Self-ID packets.
• Amapping betweena1KBblock in systemmemoryand
the first 1K of configuration ROM.
3.3.1
Context Registers
A context provides the basic information to the CS4210 to
allow it to fetch and process descriptors for one of the sev-
eral DMA controllers. All contexts (except for Self-ID) have
a ContextControl register and a CommandPtr register. The
format of the ContextControl Registers is DMA controller
specific.
Table 3-6 is a register format of the Contex.Control and
CommandPtr registers. Refer to Section 4.4.24 starting on
page 80 through Section 4.4.27 for further register informa-
tion.
3.3.2
ContextControl.event
Thepacketevent codesshowninTable 3-7onpage20are
possible values for the five-bit ContextControl.event field.
This field may contain either a 1394 defined ack code or an
OpenHCI generated event code. Bits [15:0] of the Context-
Control register may be written into host memory to indi-
cate packet and/or DMA descriptor status. However, all
possible event codes which may appear in a particular con-
text’s ContextControl register may not necessarily ever be
written into host memory for a packet or DMA descriptor
status, depending on circumstances and the functionality of
the context. The list of ack codes provided in Table 3-7 is
informative not normative (i.e., for asynchronous packets
the event code may be set to any ack code specified in cur-
rent and future 1394 standards). OpenHCI generated event
codes have an “evt_” prefix and are denoted by a code with
the high (fifth) bit equal to 0. In some cases for isochronous
I/O OpenHCI may generate a 1394 style ack code for Con-
textControl.event.
Table 3-6. ContextControl and CommandPtr Registers Formats
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
AsyncReqTxContextControl Set/Clear Registers
AsyncRespTxContextControl Set/Clear Registers
RSVD
RSVD
RSVD
event code
AsyncReqRxContextControl Set/Clear Registers
AsyncRespRxContextControl Set/Clear Registers
RSVD
RSVD
RSVD
spd
event code
IsochTxnContextControl Set/Clear Registers
cycleMatch
RSVD
RSVD
event code
IsochRxnContextControl Set/Clear Registers
RSVD
RSVD
RSVD
spd
event code
CommandPtr Register
descriptorAddress
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com