Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4210 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS4210
Description  IEEE 1394 OHCI Controller
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS4210 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button CS4210 Datasheet HTML 64Page - National Semiconductor (TI) CS4210 Datasheet HTML 65Page - National Semiconductor (TI) CS4210 Datasheet HTML 66Page - National Semiconductor (TI) CS4210 Datasheet HTML 67Page - National Semiconductor (TI) CS4210 Datasheet HTML 68Page - National Semiconductor (TI) CS4210 Datasheet HTML 69Page - National Semiconductor (TI) CS4210 Datasheet HTML 70Page - National Semiconductor (TI) CS4210 Datasheet HTML 71Page - National Semiconductor (TI) CS4210 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
www.national.com
68
Revision 1.0
Register Descriptions (Continued)
4.4.13 Self-ID Buffer Pointer Register
The Self-ID Buffer Pointer register (Table 4-23) points to
thebufferthe Self-ID packets areDMA’edintoduringbus
initialization.
4.4.14 Self-ID Count Register
The Self-ID Count register (Table 4-24) keeps a count of
the number of times the bus Self-ID process has occurred,
flags Self-ID packet errors and keeps a count of the
amount of Self-ID data in the Self-ID buffer.
Table 4-23. BAR0+Offset 64h: Self-ID Buffer Pointer Register
Bit
Name
Access
Reset
Description
31:11
selfIDBufferPtr
RW
Undef
Self-ID Buffer Pointer: Contains the 2 KB aligned base address of the
buffer in host memory where received Self-ID packets are stored. The con-
tents of this field are undefined after a chip reset.
10:0
RSVD
--
0
Reserved
Table 4-24. BAR0+Offset 68h: Self-ID Count Register
Bit
Name
Access
Reset
Description
31
selfIDError
RU
Undef
Self-ID Error: When this bit is one, an error was detected during the most
recent Self-ID packet reception. The contents of the Self-ID buffer are unde-
fined. This bit is cleared after a Self-ID reception in which no errors are
detected. Note that an error can be a hardware error or a host bus write
error.
30:24
RSVD
--
0
Reserved
23:16
selfIDGeneration
RU
Undef
Self-ID Generation: The value in this field increments each time a bus
reset is detected. This field rolls over to 0 after reaching 255.
15:13
RSVD
--
0
Reserved
12:2
2selfIDSize
RU
Undef
Quadlet Self-ID Size: This field indicates the number of quadlets that have
been written into the Self-ID buffer for the current Self-ID Generation. This
includes the header quadlet and the Self-ID data. This field is cleared to
zero as soon as a bus reset is detected.
1:0
RSVD
--
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com