Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8434SPWPR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8434SPWPR
Description  DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8434SPWPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button DRV8434SPWPR Datasheet HTML 48Page - Texas Instruments DRV8434SPWPR Datasheet HTML 49Page - Texas Instruments DRV8434SPWPR Datasheet HTML 50Page - Texas Instruments DRV8434SPWPR Datasheet HTML 51Page - Texas Instruments DRV8434SPWPR Datasheet HTML 52Page - Texas Instruments DRV8434SPWPR Datasheet HTML 53Page - Texas Instruments DRV8434SPWPR Datasheet HTML 54Page - Texas Instruments DRV8434SPWPR Datasheet HTML 55Page - Texas Instruments DRV8434SPWPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
step
step
m
v (rpm)
360 ( / rot)
¦
VWHSV V
( / step) n
(steps / microstep)
60 (s / min)
u
q
T
q
u
u
(2)
The value of θstep can be found in the stepper motor data sheet, or written on the motor. For example, the motor
in this application is required to rotate at 1.8°/step for a target of 18.75 rpm at 1/8 microstep mode. Using
Equation 2, ƒstep can be calculated as 500 Hz.
The microstepping level is set by the MICROSTEP_MODE bits. Higher microstepping results in a smoother
motor motion and less audible noise, but requires a higher ƒstep to achieve the same motor speed.
8.2.2.2 Current Regulation
In a stepper motor, the full-scale current (IFS) is the maximum current driven through either winding. This quantity
depends on the VREF voltage and the TRQ_DAC setting, as shown in Equation 3.
The maximum allowable voltage on the VREF pin is 3.3 V. DVDD can be used to provide VREF through
aresistor divider.
During stepping, IFS defines the current chopping threshold (ITRIP) for the maximum current step.
(3)
8.2.2.3 Decay Mode
The DRV8434A operates with smart tune ripple control decay mode. When a motor winding current has hit the
current chopping threshold (ITRIP), the DRV8434A places the winding in slow decay.
8.2.2.4 Application Curves
Figure 8-3. 1/8 Microstepping With smart tune
Ripple Control Decay
Figure 8-4. 1/8 Microstepping With smart tune
Dynamic Decay
Figure 8-5. 1/32 Microstepping With smart tune
Ripple Control Decay
Figure 8-6. 1/32 Microstepping With smart tune
Dynamic Decay
DRV8434S
SLOSE70 – DECEMBER 2020
www.ti.com
52
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8434S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com