Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8434SPWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8434SPWPR
Description  DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8434SPWPR Datasheet(HTML) 2 Page - Texas Instruments

  DRV8434SPWPR Datasheet HTML 1Page - Texas Instruments DRV8434SPWPR Datasheet HTML 2Page - Texas Instruments DRV8434SPWPR Datasheet HTML 3Page - Texas Instruments DRV8434SPWPR Datasheet HTML 4Page - Texas Instruments DRV8434SPWPR Datasheet HTML 5Page - Texas Instruments DRV8434SPWPR Datasheet HTML 6Page - Texas Instruments DRV8434SPWPR Datasheet HTML 7Page - Texas Instruments DRV8434SPWPR Datasheet HTML 8Page - Texas Instruments DRV8434SPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................2
5.1 Pin Functions.............................................................. 3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................6
6.4 Thermal Information....................................................6
6.5 Electrical Characteristics.............................................7
6.6 SPI Timing Requirements........................................... 8
6.7 Indexer Timing Requirements.....................................8
7 Detailed Description...................................................... 11
7.1 Overview................................................................... 11
7.2 Functional Block Diagram......................................... 12
7.3 Feature Description...................................................12
7.4 Device Functional Modes..........................................36
7.5 Programming............................................................ 37
7.6 Register Maps...........................................................42
8 Application and Implementation.................................. 50
8.1 Application Information............................................. 50
8.2 Typical Application.................................................... 50
9 Power Supply Recommendations................................55
9.1 Bulk Capacitance...................................................... 55
10 Layout...........................................................................56
10.1 Layout Guidelines................................................... 56
11 Device and Documentation Support..........................58
11.1 Receiving Notification of Documentation Updates.. 58
11.2 Support Resources................................................. 58
11.3 Trademarks............................................................. 58
11.4 Electrostatic Discharge Caution.............................. 58
11.5 Glossary.................................................................. 58
12 Mechanical, Packaging, and Orderable
Information.................................................................... 59
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
December 2020
*
Initial release
5 Pin Configuration and Functions
Figure 5-1. PWP PowerPAD™ Package 28-Pin HTSSOP Top View
DRV8434S
SLOSE70 – DECEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8434S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com