Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986H Datasheet(PDF) 50 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 50 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 46Page - STMicroelectronics A6986H Datasheet HTML 47Page - STMicroelectronics A6986H Datasheet HTML 48Page - STMicroelectronics A6986H Datasheet HTML 49Page - STMicroelectronics A6986H Datasheet HTML 50Page - STMicroelectronics A6986H Datasheet HTML 51Page - STMicroelectronics A6986H Datasheet HTML 52Page - STMicroelectronics A6986H Datasheet HTML 53Page - STMicroelectronics A6986H Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
Figure 51. Master driving capability to synchronize the A6986H
7.6
Design of the power components
7.6.1
Input capacitor selection
The input capacitor voltage rating must be higher than the maximum input operating voltage of the application.
During the switching activity a pulsed current flows into the input capacitor and so its RMS current capability must
be selected accordingly with the application conditions. Internal losses of the input filter depends on the ESR
value so usually low ESR capacitors (like multilayer ceramic capacitors) have higher RMS current capability. On
the other hand, given the RMS current value, lower ESR input filter has lower losses and so contributes to higher
conversion efficiency.
The maximum RMS input current flowing through the capacitor can be calculated as:
IRMS=IOUT⋅ (1−Dη)⋅Dη
(43)
Where IOUT is the maximum DC output current, D is the duty cycles, ƞ is the efficiency. This function has a
maximum at D = 0.5 and, considering h = 1, it is equal to IOUT/2.
In a specific application the range of possible duty cycles has to be considered in order to find out the maximum
RMS input current. The maximum and minimum duty cycles can be calculated as:
DMAX=
VOUT+ΔVLOWSIDE
VINMIN+ΔVLOWSIDE−VINMIN+ΔVHIGHSIDE
(44)
DMIN=
VOUT+ΔVLOWSIDE
VINMAX+ΔVLOWSIDE−VINMIN+ΔVHIGHSIDE
(45)
Where DVHIGH_SIDE and DVLOW_SIDE are the voltage drops across the embedded switches. The peak-to-peak
voltage across the input filter can be calculated as follows:
CIN= IOUT
VPP⋅fSW⋅(1−Dη)⋅Dη+ESR⋅(IOUT+ΔIL)
(46)
In case of negligible ESR (MLCC capacitor) the equation of CIN as a function of the target VPP can be written as
follows:
CIN= IOUT
VPP⋅fSW⋅(1−Dη)⋅Dη
(47)
Considering ƞ=1 this function has its maximum in D = 0.5:
CINMIN= IOUT
4⋅VPPMAX⋅fSW
(48)
Typically CIN is dimensioned to keep the maximum peak-peak voltage across the input filter in the order of 5%
VIN_MAX.
A6986H
Design of the power components
DS12861 - Rev 3
page 50/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com