Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986H Datasheet(PDF) 52 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 52 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 48Page - STMicroelectronics A6986H Datasheet HTML 49Page - STMicroelectronics A6986H Datasheet HTML 50Page - STMicroelectronics A6986H Datasheet HTML 51Page - STMicroelectronics A6986H Datasheet HTML 52Page - STMicroelectronics A6986H Datasheet HTML 53Page - STMicroelectronics A6986H Datasheet HTML 54Page - STMicroelectronics A6986H Datasheet HTML 55Page - STMicroelectronics A6986H Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
For example with VOUT = 3.3 V, VIN = 12 V, fSW = 500 kHz, ΔIL = 0.6 A, (resulting by the inductor value) and COUT
= 20 µF MLCC :
ΔVOUTVOUT≅ 1VOUT⋅ ΔILMAX
COUT⋅fSW=(13.3⋅ 0.6
8⋅20μF⋅500kHz)=7.5mV3.3=0.23%
(53)
The output capacitor value has a key role to sustain the output voltage during a steep load transient. When the
load transient slew rate exceeds the system bandwidth, the output capacitor provides the current to the load. In
case the final application specifies high slew rate load transient, the system bandwidth must be maximized and
the output capacitor has to sustain the output voltage for time response shorter than the loop response time.
In Table 17. Output capacitors some capacitor series are listed.
Table 17. Output capacitors
Manufacturer
Series
Cap value (μF)
Rated voltage (V)
ESR (mΩ)
MURATA
GRM32
22 to 100
6.3 to 25
<5
GRM31
10 to 47
6.3 to 25
<5
PANASONIC
ECJ
10 to 22
6.3
<5
EEFCD
10 to 68
6.3
15 to 55
SANYO
TPA/B/C
100 to 470
4 to 16
40 to 80
TDK
C3225
22 to 100
6.3
<5
A6986H
Design of the power components
DS12861 - Rev 3
page 52/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com