Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986H Datasheet(PDF) 12 Page - STMicroelectronics

Part # A6986H
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H Datasheet(HTML) 12 Page - STMicroelectronics

Back Button A6986H Datasheet HTML 8Page - STMicroelectronics A6986H Datasheet HTML 9Page - STMicroelectronics A6986H Datasheet HTML 10Page - STMicroelectronics A6986H Datasheet HTML 11Page - STMicroelectronics A6986H Datasheet HTML 12Page - STMicroelectronics A6986H Datasheet HTML 13Page - STMicroelectronics A6986H Datasheet HTML 14Page - STMicroelectronics A6986H Datasheet HTML 15Page - STMicroelectronics A6986H Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 71 page
background image
4
Parameters over the temperature range
The 100% of the population in the production flow is tested at three different ambient temperatures (-40 °C, +25
°C, +135 °C) to guarantee the datasheet parameters inside the junction temperature range (-40 °C, +135 °C).
The device operation is guaranteed when the junction temperature is inside the (-40 °C, +150 °C) temperature
range. The designer can estimate the silicon temperature increase respect to the ambient temperature evaluating
the internal power losses generated during the device operation.
However the embedded thermal protection disables the switching activity to protect the device in case the junction
temperature reaches the TSHTDWN(+165 °C typ.) temperature.
All the datasheet parameters can be guaranteed to a maximum junction temperature of +135 °C to avoid
triggering the thermal shutdown protection during the testing phase because of self-heating.
A6986H
Parameters over the temperature range
DS12861 - Rev 3
page 12/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com