Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-345VC Datasheet(PDF) 45 Page - STMicroelectronics

Part # BLUENRG-345VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VC Datasheet(HTML) 45 Page - STMicroelectronics

Back Button BLUENRG-345VC Datasheet HTML 41Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 42Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 43Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 44Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 45Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 46Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 47Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 48Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
5.3.6
Embedded reset and power control block characteristics
Table 23. Embedded reset and power control block characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TRSTTEMPO
Reset temporization after PDR is detected
VDD rising
500
us
VPDR
Power-down reset threshold
1.63
V
VPVD0
PVD threshold 0
Falling edge
2.02
VPVD1
PVD threshold 1
Falling edge
2.17
VPVD2
PVD threshold 2
Falling edge
2.33
VPVD3
PVD threshold 3
Falling edge
2.49
VPVD4
PVD threshold 4
Falling edge
2.61
VPVD5
PVD threshold 5
Falling edge
2.78
VPVD6
PVD threshold 6
Falling edge
2.87
5.3.7
Supply current characteristics
The current consumption is a function of several parameters and factors such as: the operating voltage, ambient
temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program
location in memory and executed binary code.
The MCU is put under the following conditions:
•
All I/O pins are in analog input mode
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted with the minimum wait states number
•
When the peripherals are enabled fPCLK = fHCLK
Table 24. Current consumption
Symbol
Parameter
Conditions
Typ.
Unit
25 °C
85 °C
105 °C
IDD(RUN)
Supply current in RUN mode
fHCLK = 64 MHz
All peripherals disabled
2.40
2.49
2.54
mA
fHCLK = 32 MHz
All peripherals disabled
1.98
2.03
2.08
fHCLK = 16 MHz
All peripherals disabled
1.62
1.67
1.71
IDD(DEEPSTOP)
Supply current in DEEPSTOP(1)
Timer OFF
0.65
6.73
15.73
µA
Timer source LSI
1.25
7.41
16.46
Timer source LSI
RTC ON
1.30
7.56
16.70
Timer source LSI
IWDG ON
1.27
7.47
16.55
Timer source LSI
RTC and IWDG ON
1.33
7.61
16.79
Timer source LSE
1.00
7.16
16.22
BlueNRG-LP
Operating conditions
DS13282 - Rev 2
page 45/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com