Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-345VC Datasheet(PDF) 27 Page - STMicroelectronics

Part # BLUENRG-345VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button BLUENRG-345VC Datasheet HTML 23Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 24Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 25Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 26Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 27Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 28Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 29Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 30Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
Pin number
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional functions
QFN48
QFN32
WLCSP49
-
-
A3
VSSIO
S
-
-
Ground I/O
-
-
F7
VSSIO
S
-
-
Ground I/O
-
-
F4
VSSIFADC
S
-
-
Ground analog RF
-
-
G1
VSSSX
S
-
-
Ground analog RF
-
-
G3
VSSRFTRX
S
-
-
Ground analog RF
-
-
F3
VSSRF
S
-
-
Ground analog RF
Exposed
pad
Exposed
pad
-
GND
S
-
-
Ground
1. This pin is not 5 V tolerant.
Table 4. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below, the pin name and the pin function during
and after reset are the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
RF
RF I/O
RST
Bidirectional reset pin with weak pull-up resistor
Options for TT or FT I/Os
_f(1).
I/O, Fm+ capable
_a(2).
I/O, with analog switch function supplied by IO
BOOSTER(3)
Notes
Unless otherwise specified by a note, all I/Os are set as analog inputs during and after
reset
Pin functions
Alternate functions Functions selected through GPIOx_AFR registers
Additional functions Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 3. Pin description are: FT_f
2. The related I/O structures in Table 3. Pin description are: FT_a
3. IO BOOSTER block allows the good behavior of those switches to be guaranteed when the VBAT goes below 2.7 V. Refer
to the BlueNRG-LP reference Manual (RM0479) for more details.
Table 5. Alternate function port A
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
I2C1/I2C2/
SYS_AF
LPUART/ USART
SPI1/SPI2/
SYS_AF/
USART/I2S2
SPI1/
SPI2/RTC
USART/
TIM/ I2S2
SPI2/ SPI3
LPUART/
I2S2/ I2S3
TIM1
SYS_AF
-
SYS_AF
Port
A
PA0
I2C1_SCL
USART_CTS
SPI2_MCK/
I2S2_MCK
-
TIM1_CH3
-
-
-
BlueNRG-LP
Pinouts and pin description
DS13282 - Rev 2
page 27/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com