Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-345VC Datasheet(PDF) 15 Page - STMicroelectronics

Part # BLUENRG-345VC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345VC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button BLUENRG-345VC Datasheet HTML 11Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 12Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 13Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 14Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 15Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 16Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 17Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 18Page - STMicroelectronics BLUENRG-345VC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
•
Always 16 MHz requested by a few peripherals like serial interfaces (to maintain fixed the baud rate while
system clock is switching from one frequency to another) or like the Flash controller and radio (to have a
fixed reference clock to manage delays)
Figure 6. Clock tree
CLK_32MHz
CLK_16MHz
/2
/4
/2
CLK_SPI2/I2S2
SYSCLK PRE
/1, /2, .. , /32
SYSCLK PRE
/1, /2, .. , /64
SYSCLKDIV
SYSCLKDIV
CLK_SYS
to CPU,
AHB0,
APB0,
APB1,
SRAM,
PKA,
CLK_SPI1
LCO
LCOSEL
LSE OSC
32kHz
/1, /2, .. , /16
CLKANA_ADC
CLK_SMPS
CLK_SYS
HSE
HSI
CLK_16MHz/512
MCOSEL
MCO
CLK_16MHz/512
CLKSLOWSEL
CK_RTC,
CK_WDG,
CK_BLEWKUP
OSC32k_OUT
OSC32k_IN
LSI RCO
32kHz
CLK_BLE32,
CLKDIG_ADC
CLKANA_ADC,
CLK_USART,
CLK_I2C,
CLK_BLE16,
CLK_FLASH,
CLK_PWR,
CLK_RNG
CLK_LPUART
CLKSYS_BLE
CLK_TIM1
CLK_SMPS
HSE OSC
32MHz
HSI
RCO+PLL
64MHz
OSC_OUT
OSC_IN
HSESEL
0
1
/4
/2
CLK_16MHz
HSESEL
0
1
SMPSDIV
0
1
BLECLKDIV
0
1
HSESEL
0
1
HSESEL
0
1
SP2CKSEL
0
1
LSI_LPMU
RCO 32kHz
CLK_SPI3/I2S3
SP3CKSEL
0
1
It is possible to output some internal clocks on external pads:
•
the low speed clocks can be output on the LCO I/O
•
the high speed clocks can be output on the MCO I/O
This is possible by programming the associated I/O in the correct alternate function.
Most of the peripherals only use the system clock except:
•
I2C, USART, LPUART: they always use a16 MHz clock to have a fixed reference clock for baud rate
management. The goal is to allow the CPU to boost or slow down the system clock (depending on on-going
activities) without impacting a potential on-going serial interface transfer on external I/Os
BlueNRG-LP
Clock management
DS13282 - Rev 2
page 15/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com