Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H5V Datasheet(PDF) 64 Page - STMicroelectronics

Part # L6986H5V
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H5V Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L6986H5V Datasheet HTML 60Page - STMicroelectronics L6986H5V Datasheet HTML 61Page - STMicroelectronics L6986H5V Datasheet HTML 62Page - STMicroelectronics L6986H5V Datasheet HTML 63Page - STMicroelectronics L6986H5V Datasheet HTML 64Page - STMicroelectronics L6986H5V Datasheet HTML 65Page - STMicroelectronics L6986H5V Datasheet HTML 66Page - STMicroelectronics L6986H5V Datasheet HTML 67Page - STMicroelectronics L6986H5V Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
5
Closing the loop ..................................................................35
5.1
GCO(s) control to output transfer function ......................................... 35
5.2
Error amplifier compensation network ............................................ 36
5.3
Voltage divider ................................................................ 37
5.4
Total loop gain ................................................................ 38
5.5
Compensation network design .................................................. 39
6
Application notes .................................................................41
6.1
Output voltage adjustment ...................................................... 41
6.2
Switching frequency ........................................................... 41
6.3
MLF pin ..................................................................... 41
6.4
Voltage supervisor............................................................. 41
6.5
Synchronization (LNM) ......................................................... 43
6.5.1
Embedded master - slave synchronization .................................... 43
6.5.2
External synchronization signal............................................. 45
6.6
Design of the power components ................................................ 48
6.6.1
Input capacitor selection .................................................. 48
6.6.2
Inductor selection ....................................................... 49
6.6.3
Output capacitor selection................................................. 49
6.7
Application board.............................................................. 50
6.8
Efficency curves .............................................................. 55
7
Package information..............................................................59
7.1
HTSSOP16 package information ................................................ 59
8
Ordering information .............................................................61
Revision history .......................................................................62
L6986H
Contents
DS12905 - Rev 2
page 64/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com