Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H5V Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6986H5V
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H5V Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6986H5V Datasheet HTML 33Page - STMicroelectronics L6986H5V Datasheet HTML 34Page - STMicroelectronics L6986H5V Datasheet HTML 35Page - STMicroelectronics L6986H5V Datasheet HTML 36Page - STMicroelectronics L6986H5V Datasheet HTML 37Page - STMicroelectronics L6986H5V Datasheet HTML 38Page - STMicroelectronics L6986H5V Datasheet HTML 39Page - STMicroelectronics L6986H5V Datasheet HTML 40Page - STMicroelectronics L6986H5V Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
whereas the zero is defined as:
fZ= 1
2⋅π⋅Rc⋅Cc
(27)
5.3
Voltage divider
The contribution of the internal voltage divider for fixed output voltage devices is:
GDIV(s)= R2R1+R2= VFBVOUT=0.853.3=0.2575 L6986H3V
GDIV(s)= R2R1+R2= VFBVOUT=0.855=0.17 L698H5V
(28)
while for the adjustable output part number L6986H is:
GDIV(s)= R2R1+R2 L6986H
(29)
A small signal capacitor in parallel to the upper resistor (see Figure 37. Leading network example) of the voltage
divider implements a leading network (fzero < fpole), sometimes necessary to improve the system phase margin:
Figure 37. Leading network example
L6986H
Rc
Power GND
Cc
signal GND
Cp
Cr1
R1
R2
uC RST
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
11
PGND PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
GND
VIN
VOUT
The Laplace transformer of the leading network is:
GDIV(s)= R2R1+R2⋅ (1+s+R1⋅CR1)
(1+s⋅ R1⋅R2
R1+R2⋅CR1)
(30)
where
fZ= 1
2⋅π⋅R1⋅CR1
fp= 1
2⋅π⋅ R1⋅R2
R1+R2⋅CR1
fZ<fp
(31)
L6986H
Voltage divider
DS12905 - Rev 2
page 37/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com