Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986H5V Datasheet(PDF) 65 Page - STMicroelectronics

Part # L6986H5V
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H5V Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L6986H5V Datasheet HTML 60Page - STMicroelectronics L6986H5V Datasheet HTML 61Page - STMicroelectronics L6986H5V Datasheet HTML 62Page - STMicroelectronics L6986H5V Datasheet HTML 63Page - STMicroelectronics L6986H5V Datasheet HTML 64Page - STMicroelectronics L6986H5V Datasheet HTML 65Page - STMicroelectronics L6986H5V Datasheet HTML 66Page - STMicroelectronics L6986H5V Datasheet HTML 67Page - STMicroelectronics L6986H5V Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
List of tables
Table 1.
Pin description...................................................................... 3
Table 2.
Absolute maximum ratings ............................................................. 4
Table 3.
Thermal data....................................................................... 5
Table 4.
ESD protection ..................................................................... 5
Table 5.
Electrical characteristics ............................................................... 6
Table 6.
fSW selection ....................................................................... 9
Table 7.
LNM/ LCM selection (L6986H3V3) ........................................................ 9
Table 8.
LNM/ LCM selection (L6986H5V) ........................................................ 10
Table 9.
LNM/ LCM selection (L6986H).......................................................... 10
Table 10.
Uncompensated error amplifier characteristics............................................... 18
Table 11.
ISKIP programmable current threshold..................................................... 21
Table 12.
SYNCH/ISKIP pin voltage thresholds and driving current ....................................... 22
Table 13.
Example of oscillator frequency selection .................................................. 46
Table 14.
Example of oscillator frequency selection (2) ................................................ 46
Table 15.
Input capacitors .................................................................... 49
Table 16.
Inductors ........................................................................ 49
Table 17.
Output capacitors................................................................... 50
Table 18.
Bill of material (communal parts) ........................................................ 51
Table 19.
L6986H 3V3 demonstration board BOM ................................................... 52
Table 20.
L6986H 5V demonstration board BOM .................................................... 52
Table 21.
L6986H adj. demonstration board BOM ................................................... 52
Table 22.
HTSSOP16 mechanical data ........................................................... 60
Table 23.
Ordering information................................................................. 61
Table 24.
Document revision history ............................................................. 62
L6986H
List of tables
DS12905 - Rev 2
page 65/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com