Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6986HTR Datasheet(PDF) 61 Page - STMicroelectronics

Part # L6986HTR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986HTR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L6986HTR Datasheet HTML 57Page - STMicroelectronics L6986HTR Datasheet HTML 58Page - STMicroelectronics L6986HTR Datasheet HTML 59Page - STMicroelectronics L6986HTR Datasheet HTML 60Page - STMicroelectronics L6986HTR Datasheet HTML 61Page - STMicroelectronics L6986HTR Datasheet HTML 62Page - STMicroelectronics L6986HTR Datasheet HTML 63Page - STMicroelectronics L6986HTR Datasheet HTML 64Page - STMicroelectronics L6986HTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
8
Ordering information
Table 23. Ordering information
Part number
Package
Packing
L6986H3V3
HTSSOP16
Tube
L6986H3V3TR
Tape and reel
L6986H5V
Tube
L6986H5VTR
Tape and reel
L6986H
Tube
L6986HTR
Tape and reel
L6986H
Ordering information
DS12905 - Rev 2
page 61/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com