Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB5MMG Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 13Page - STMicroelectronics STM32WB5MMG Datasheet HTML 14Page - STMicroelectronics STM32WB5MMG Datasheet HTML 15Page - STMicroelectronics STM32WB5MMG Datasheet HTML 16Page - STMicroelectronics STM32WB5MMG Datasheet HTML 17Page - STMicroelectronics STM32WB5MMG Datasheet HTML 18Page - STMicroelectronics STM32WB5MMG Datasheet HTML 19Page - STMicroelectronics STM32WB5MMG Datasheet HTML 20Page - STMicroelectronics STM32WB5MMG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
7
Thermal characteristics
The thermal characterics of the STM32WB5MMG are defined below and the constant values are given in Table 4
•
ϴJA, Junction-to-ambient thermal resistance (EIA/JESD51-2 and EIA/JESD51-6):
ϴJA, = (TJ-TA) / PH,
where TJ= junction temperature, TA= ambient temperature, PH= power dissipation.
ϴJA, represents the resistance to the heat flows from the chip to ambient air. It is an indicator of package
heat dissipation capability. Lower ϴJA, means better overall thermal performance.
•
ΨJT, Junction-to-top-center thermal characterization parameter (EIA/JESD51-2 and EIA/JESD51-6):
ΨJT = (TJ-TT) / PH,
where TT= temperature at the top-center of the package.
ΨJT is used for estimating the junction temperature by measuring TT in an actual environment.
•
ϴJC, Junction-to-case thermal resistance :
ϴJC = (TJ–TC) / PH,
where TC= case temperature attached with a cold plate.
ϴJC represents the resistance to the heat flows from the chip to package top case. ϴJC is important when
external heat sink is attached on package top.
•
ϴJB, Junction-to-board thermal resistance (EIA/JESD51-8):
ϴJB = (TJ–TB) / PH,
where TB= board temperature with ring cold plate fixture applied.
ϴJB represents the resistance to the heat flows from the chip to PCB. JBis used in compact thermal
models for system-level thermal simulation.
Table 4. STM32WB5MMG thermal characteristics
Symbol
TJ(°C)
TC(°C)
ΨJT(°C/W)
ϴJA(°C/W)
ϴJB(°C/W)
ϴJC(°C/W)
Value
97.36
96.98
37.36
0.38
24.58
16.21
STM32WB5MMG
Thermal characteristics
DS13252 - Rev 1
page 17/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com