Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB5MMG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 4 Page - STMicroelectronics

  STM32WB5MMG Datasheet HTML 1Page - STMicroelectronics STM32WB5MMG Datasheet HTML 2Page - STMicroelectronics STM32WB5MMG Datasheet HTML 3Page - STMicroelectronics STM32WB5MMG Datasheet HTML 4Page - STMicroelectronics STM32WB5MMG Datasheet HTML 5Page - STMicroelectronics STM32WB5MMG Datasheet HTML 6Page - STMicroelectronics STM32WB5MMG Datasheet HTML 7Page - STMicroelectronics STM32WB5MMG Datasheet HTML 8Page - STMicroelectronics STM32WB5MMG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
3
Available peripherals
All peripherals available in STM32WB Series microcontrollers based on the WLCSP100 package are available
and accessible on this module.
The pins on the module offer access to the following system peripherals:
•
2× DMA controllers (seven channels each) supporting ADC, SPI, I2C, USART, QSPI, SAI, AES, timers
•
1× USART (ISO 7816, IrDA, SPI master, Modbus and Smartcard mode)
•
1× LPUART (low power) – Two SPI running at 32 Mbit/s
•
2× I2C (SMBus/PMBus)
•
1× SAI (dual channel high quality audio)
•
1× USB 2.0 FS device, crystal-less, BCD and LPM
•
1× Touch sensing controller, up to 18 sensors
•
1× LCD 8x40 with step-up converter
•
1× 16-bit, four channels advanced timer
•
2× 16-bit, two channels timers
•
1× 32-bit, four channels timer
•
2× 16-bit ultra-low-power timers
•
1× independent Systick
•
1× independent watchdog
•
1× window watchdog.
The full pin description is available in Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU,
Bluetooth® 5 and 802.15.4 radio solution (DS11929).
STM32WB5MMG
Available peripherals
DS13252 - Rev 1
page 4/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com